Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK581000AP-70SL Datasheet(PDF) 1 Page - Sony Corporation

Part # CXK581000AP-70SL
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK581000AP-70SL Datasheet(HTML) 1 Page - Sony Corporation

  CXK581000AP-70SL Datasheet HTML 1Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 2Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 3Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 4Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 5Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 6Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 7Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 8Page - Sony Corporation CXK581000AP-70SL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
– 1 –
CXK581000ATM/AYM/AM/AP
E92756D53-PP
131072-word
× 8-bit High Speed CMOS Static RAM
Description
The CXK581000ATM/AYM/AM/AP is a high speed
CMOS static RAM organized as 131072-words by
8 bits.
A polysilicon TFT cell technology realized extremely low
stand- by current and higher data retention stability.
Special feature are low power consumption, high
speed and broad package line-up.
The CXK581000ATM/AYM/AM/AP ia a suitable
RAM for portable equipment with battery back up.
Features
• Fast access time:
CXK581000ATM/AYM/AM/AP
(Access time)
-55LL/55SL
55ns (Max.)
-70LL/70SL
70ns (Max.)
-10LL/10SL
100ns (Max.)
• Low standby current:
CXK581000ATM/AYM/AM/AP
-55LL/70LL/10LL
20µA (Max.)
-55SL/70SL/10SL
12µA (Max.)
• Low data retention current
CXK581000ATM/AYM/AM/AP
-55LL/70LL/10LL
12µA (Max.)
-55SL/70SL/10SL
4µA (Max.)
• Single +5V supply: +5V ±10%
• Low voltage data retention: 2.0V (Min.)
• Broad package line-up
• CXK581000ATM/AYM
8mm
× 20mm 32 pin TSOP package
• CXK581000AM
525mil 32 pin SOP package
• CXK581000AP
600mil 32 pin DIP package
Functions
131072-word
× 8-bit static RAM
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Block Diagram
VCC
GND
OE
WE
CE1
CE2
A10
A11
A9
A8
A13
A15
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
Buffer
Row
Decoder
Memory
Matrix
1024
× 1024
I/O Gate
Column
Decoder
I/O Buffer
Buffer
Buffer
I/O 1
I/O 8
CXK581000ATM
32 pin TSOP (Plastic)
CXK581000AYM
32 pin TSOP (Plastic)
CXK581000AM
32 pin SOP (Plastic)
CXK581000AP
32 pin DIP (Plastic)
-55LL/70LL/10LL
-55SL/70SL/10SL
For the availability of this product, please contact the sales office.


Similar Part No. - CXK581000AP-70SL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000M SONY-CXK581000M Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10L SONY-CXK581000M-10L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-10LL SONY-CXK581000M-10LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12L SONY-CXK581000M-12L Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK581000M-12LL SONY-CXK581000M-12LL Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
More results

Similar Description - CXK581000AP-70SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com