Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHPM7B12A120A Datasheet(PDF) 6 Page - Motorola, Inc

Part # MHPM7B12A120A
Description  Hybrid Power Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHPM7B12A120A Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MHPM7B12A120A Datasheet HTML 2Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 3Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 4Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 5Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 6Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 7Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 8Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 9Page - Motorola, Inc MHPM7B12A120A Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MHPM7B12A120A
6
MOTOROLA
Typical Characteristics
10000
100
10
100
1000
Figure 8. Inverter Switching Time td, tf, t(off)
versus Gate Resistance RG
RG, GATE RESISTANCE (Ω)
80
40
0
28
12
Figure 9. Inverter Switching Time tr versus
Collector Current IC
IC, COLLECTOR CURRENT (A)
1000
VCE = 600 V
VGE = 15 V
IC = 12 A
TJ = 125°C
tf
td
VCE = 600 V
VGE = 15 V
RG = 10 Ω
70
60
50
10
30
20
46
10
TJ = 125°C
25
°C
10000
10
10
100
1000
Figure 10. Inverter Switching Time tr versus
Gate Resistance RG
RG, GATE RESISTANCE (Ω)
28
14
Figure 11. Inverter Switching Energy E(off)
versus Collector Current IC
IC, COLLECTOR CURRENT (A)
1000
VCE = 600 V
VGE = 15 V
IC = 12 A
VCE = 600 V
VGE = 15 V
RG = 10 Ω
46
10
TJ = 125°C
25
°C
100
TJ = 125°C
25
°C
10000
10
1000
100
10000
100
10
100
1000
Figure 12. Inverter Switching Energy E(off)
versus Gate Resistance RG
RG, GATE RESISTANCE (Ω)
030
70
Figure 13. Gate–to–Emitter Voltage versus
Gate Charge
QG, GATE CHARGE (nC)
1000
VCE = 600 V
VGE = 15 V
IC = 12 A
10
20
60
TJ = 125°C
25
°C
700
0
500
200
600
400
300
100
50
40
18
16
14
12
10
8
6
4
2
0
12
400 V
500 V
600 V
t(off)
800
900


Similar Part No. - MHPM7B12A120A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM7B15A60A MOTOROLA-MHPM7B15A60A Datasheet
181Kb / 10P
   Hybrid Power Module
MHPM7B16A120B MOTOROLA-MHPM7B16A120B Datasheet
268Kb / 10P
   Hybrid Power Module
More results

Similar Description - MHPM7B12A120A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B15E60D3 MOTOROLA-MHPM6B15E60D3 Datasheet
129Kb / 5P
   Hybrid Power Module
MHPM6B5A120D MOTOROLA-MHPM6B5A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM7A15A60A MOTOROLA-MHPM7A15A60A Datasheet
183Kb / 10P
   Hybrid Power Module
MHPM7A25S120DC3 MOTOROLA-MHPM7A25S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7A30E60DC3 MOTOROLA-MHPM7A30E60DC3 Datasheet
167Kb / 6P
   Hybrid Power Module
MHPM7A5S120DC3 MOTOROLA-MHPM7A5S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7B16A120B MOTOROLA-MHPM7B16A120B Datasheet
268Kb / 10P
   Hybrid Power Module
MHPM7B30A60B MOTOROLA-MHPM7B30A60B Datasheet
258Kb / 10P
   Hybrid Power Module
MHPM6B10N120 MOTOROLA-MHPM6B10N120 Datasheet
265Kb / 10P
   Hybrid Power Module
MHPM6B20E60D3 MOTOROLA-MHPM6B20E60D3 Datasheet
124Kb / 5P
   Hybrid Power Module
MHPM7A15S120DC3 MOTOROLA-MHPM7A15S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com