Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR9-DK Datasheet(PDF) 2 Page - STMicroelectronics

Part # STR9-DK
Description  Raisonance?셲 unlimited development tool bundles for STM32, STR7 and STR9
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR9-DK Datasheet(HTML) 2 Page - STMicroelectronics

  STR9-DK Datasheet HTML 1Page - STMicroelectronics STR9-DK Datasheet HTML 2Page - STMicroelectronics STR9-DK Datasheet HTML 3Page - STMicroelectronics STR9-DK Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Development tool key features
STR9-DK/RAIS STX-PRO/RAIS
2/4
Development tool key features
In-circuit debugger/programmer
Raisonance RLink (standalone in STX-PRO/RAIS, embedded in STR9-DK/RAIS).
USB host PC interface
Industry standard JTAG application interface
RLink also includes SWIM, ICC and JTAG connection adapters for in-circuit
debugging/programming of 8-bit STM8, ST7 and uPSD microcontroller families.
Signum JTAGjet (in STR9-DK/RAIS).
USB host PC interface
Trace connection for the STR9’s Embedded Trace Macrocell™
2 Mbyte trace buffer
Industry standard JTAG application interface
Raisonance integrated development environment (RIDE)
RIDE drives both the RLink in-circuit debugger/programmer and the Signum JTAGjet in-
circuit debugger/programmer with trace for use with the STR9 microcontroller’s ETM™.
Unlimited version (in STX-PRO/RAIS)
Seamless control of GNU C/C++ toolset
High-level language debugger
SIMICE simulator for STM32, STR7 and STR9
Color syntax highlighting editor and Project manager
REva evaluation board (in STR9-DK/RAIS)
This innovative modular platform consists of a motherboard daughter board and a limited
embedded RLink in-circuit programmer and debugger.
REva motherboard
1 standard 72-pin SO-DIMM connector to plug in daughter boards.
Digital and analog I/O evaluation features, including on-board LEDs, buttons,
switches, external analog connector, temperature sensor and potentiometer
I²C EEPROM and bus extension connector
RS-232 driver and 2 DB9 connectors
Prototyping area
–VDD settings for 1.8V, 3.3V and 5V
USB powered, no external power required
Embedded RLink (32K limited version) for in-circuit debugging and in-circuit
programming.
REva STR91xF daughterboard with STR912FAW4 (LQFP128 package), clock selector
and other device dependant features, Ethernet connector and ETM trace connector.


Similar Part No. - STR9-DK

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
STR9005 SANKEN-STR9005 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
STR9012 SANKEN-STR9012 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
STR9015 SANKEN-STR9015 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
More results

Similar Description - STR9-DK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX-RLINK STMICROELECTRONICS-STX-RLINK Datasheet
69Kb / 4P
   Raisonance?셲 in-circuit debugger/programmer for ST7, uPSD, STR7 and STR9
STM32-PRIMER STMICROELECTRONICS-STM32-PRIMER Datasheet
111Kb / 3P
   Raisonance STM32 Primers for fun, easy evaluation and development with STM32
STR91X-SK STMICROELECTRONICS-STR91X-SK_1 Datasheet
187Kb / 4P
   IAR?셲 complete, low cost starter kits for STR7 and STR9
STR91X-SK STMICROELECTRONICS-STR91X-SK Datasheet
194Kb / 4P
   Keil starter kits for STR7 and STR9
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
   Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
October 2013 Rev 10
STM3210B-PFSTICK STMICROELECTRONICS-STM3210B-PFSTICK Datasheet
65Kb / 3P
   Hitex STM32-PerformanceStick complete tool package for STM32 evaluation and development
STM8-SK STMICROELECTRONICS-STM8-SK Datasheet
165Kb / 6P
   Raisonance?셲 complete, low-cost starter kits for STM8 and ST7
STM32 STMICROELECTRONICS-STM32 Datasheet
3Mb / 26P
   STM32 development boards
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
STM32-JAVA STMICROELECTRONICS-STM32-JAVA Datasheet
84Kb / 3P
   Fully-integrated Java development environment and solution for STM32 MCUs
July 2014 Rev 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com