Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS1102 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TS1102
Description  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TS1102 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS1102
Page 2
TS1102DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
RS+, RS- to GND..............................................-0.3V to +27V
OUT to GND........................................................-0.3V to +6V
RS+ to RS-..................................................................... ±27V
Short-Circuit Duration: OUT to GND .................... Continuous
Continuous Input Current (Any Pin) ............................ ±20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (Derate at 3.9mW/°C above +70°C).. 312mW
Operating Temperature Range .................... -40°C to +105°C
Junction Temperature ................................................ +150°C
Storage Temperature Range ....................... -65°C to +150°C
Lead Temperature (Soldering, 10s) ........................... +300°C
Soldering Temperature (Reflow) ............................ +260°C
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER PART MARKING CARRIER QUANTITY
TS1102-25EG5TP
TADS
Tape & Reel
-----
TS1102-25EG5T
Tape & Reel
3000
TS1102-50EG5TP
TADT
Tape & Reel
-----
TS1102-50EG5T
Tape & Reel
3000
TS1102-100EG5TP
TADU
Tape & Reel
-----
TS1102-100EG5T
Tape & Reel
3000
TS1102-200EG5TP
TADV
Tape & Reel
-----
TS1102-200EG5T
Tape & Reel
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Similar Part No. - TS1102

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS1102 BOTHHAND-TS1102 Datasheet
28Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
logo
Silicon Laboratories
TS1102-100-EG6 SILABS-TS1102-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-100-EG6T SILABS-TS1102-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-100EG5 SILABS-TS1102-100EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
TS1102-200-EG6 SILABS-TS1102-200-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - TS1102

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com