Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL1517M Datasheet(PDF) 5 Page - Sony Corporation

Part # CXL1517M
Description  CMOS-CCD Signal Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1517M Datasheet(HTML) 5 Page - Sony Corporation

  CXL1517M Datasheet HTML 1Page - Sony Corporation CXL1517M Datasheet HTML 2Page - Sony Corporation CXL1517M Datasheet HTML 3Page - Sony Corporation CXL1517M Datasheet HTML 4Page - Sony Corporation CXL1517M Datasheet HTML 5Page - Sony Corporation CXL1517M Datasheet HTML 6Page - Sony Corporation CXL1517M Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
– 5 –
CXL1517M/1518M
Notes)
1) Linearity testing
For A channel, set input bias to ABCN – 0.2V first, and then set it to ABCN and ABCN + 0.2V. Then input a
sine wave of 100kHz and 100mVp-p, and compare the three output amplitudes. For B channel and C
channel, set input bias to ABBL + 0.45V first, and then set it to ABBL + 0.25V and ABBL + 0.05V. Then
input a sine wave of 100kHz and 100mVp-p, and compare the three output amplitudes. The maximum
output amplitude for the respective A, B and C channels is taken as Sout max and the minimum output
amplitude as Sout min. The linearity of the respective channels is defined as:
Lin. =
× 200 [%]
2) Calculation of insertion gain difference
As the maximum insertion gain among A, B and C channels is taken as Gmax and the minimum as Gmin,
the insertion gain difference between channels
∆G as:
∆G = | 1 – 10
(
) | × 100 [%]
3) Calculation of linearity difference
Define B channel linearity as LB and C channel linearily as LC we obtain the difference
∆LBC as:
∆LBC = | LB – LC | [%]
4) Cross-talk calculation
CRTa
: The cross-talk value of A channel when B and C channels are input
OUTA-a
: The output value of A channel when A channel is input
SW3-a, SW4-a, SW5, 6-b
OUTA-bc
: The output value of A channel when B and C channels are input
(Cross-talk component)
SW3-a, SW4-b, SW5, 6-a
CRTa =
× 100 [%]
Clock Waveform Timing
Sout max – Sout min
Sout max + Sout min
Gmax – Gmin
20
OUTA-bc
OUTA-a
10ns
10%
50%
90%
XDL1
(52.5) ∗
87.5ns
(140) ∗
210ns
10%
50%
90%
10%
50%
90%
10%
50%
90%
XDL2
The value in brackets is for CXL1517M.
(52.5) ∗
87.5ns
10ns
17.5ns
10ns
10ns


Similar Part No. - CXL1517M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1517 SONY-CXL1517 Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
More results

Similar Description - CXL1517M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
   CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
   CMOS-CCD SIGNAL PROCESSOR FOR TBC
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Sony Corporation
CXL1008M SONY-CXL1008M Datasheet
274Kb / 13P
   CMOS-CCD Signal Processor for Skew Compensation
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
   CCD Digital Signal Processor
logo
Analog Devices
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
   60 MHz CCD Signal Processor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com