Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H8891MB Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA13H8891MB
Description  RoHS Compliance, 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H8891MB Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA13H8891MB Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H8891MB Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
< Silicon RF Power Modules >
RA13H8891MB
RoHS Compliance, 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
5
1
RF Input (Pin)
2
Gate Voltage (VGG)
3
Drain Voltage (VDD)
4
RF Output (Pout)
5
RF Ground (Case)
OUTLINE DRAWING (mm)
51.3±1
60.5±1
57.5±0.5
50.4±1
43.3±1
0.45
Area [A]
21.3±1
8.3±1
Expansion figure of area [A]
2-R1.6±0.2
1
2
3
4
5
(49.5)


Similar Part No. - RA13H8891MB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MB MITSUBISHI-RA13H8891MB Datasheet
241Kb / 8P
   RoHS Compliance , 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB-101 MITSUBISHI-RA13H8891MB-101 Datasheet
241Kb / 8P
   RoHS Compliance , 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB-101 MITSUBISHI-RA13H8891MB-101 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB_10 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H8891MB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MB MITSUBISHI-RA13H8891MB Datasheet
241Kb / 8P
   RoHS Compliance , 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB_10 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_11 Datasheet
181Kb / 9P
   RoHS Compliance , 889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA Datasheet
234Kb / 8P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_06 Datasheet
238Kb / 8P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com