Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H8891MA Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA13H8891MA
Description  RoHS Compliance , 889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H8891MA Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA13H8891MA_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H8891MA_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
<Silicon RF Power Modules >
RA13H8891MA
RoHS Compliance ,
889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Publication Date : Jul.2011
4
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
5
10
15
20
25
30
2
2.5
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=880MHz,
VDD=12.5V,
Pin=200mW
IDD
0
5
10
15
20
25
30
35
40
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
6
7
8
Pout
f=915MHz,
VGG=5V,
Pin=200mW
IDD
0
5
10
15
20
25
30
2
2.5
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=900MHz,
VDD=12.5V,
Pin=200mW
IDD
0
5
10
15
20
25
30
2
2.5
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=915MHz,
VDD=12.5V,
Pin=200mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)


Similar Part No. - RA13H8891MA_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MA-101 MITSUBISHI-RA13H8891MA-101 Datasheet
234Kb / 8P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA-101 MITSUBISHI-RA13H8891MA-101 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H8891MA_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H8891MA MITSUBISHI-RA13H8891MA Datasheet
234Kb / 8P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MA MITSUBISHI-RA13H8891MA_10 Datasheet
93Kb / 9P
   889-915MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB_11 Datasheet
179Kb / 9P
   RoHS Compliance, 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB Datasheet
241Kb / 8P
   RoHS Compliance , 880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67769C MITSUBISHI-M67769C Datasheet
132Kb / 3P
   889-915MHz, 12.5V, 13W, FM MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_06 Datasheet
238Kb / 8P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com