Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL1504M Datasheet(PDF) 4 Page - Sony Corporation

Part # CXL1504M
Description  CMOS-CCD 1H Delay Line for NTSC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1504M Datasheet(HTML) 4 Page - Sony Corporation

  CXL1504M Datasheet HTML 1Page - Sony Corporation CXL1504M Datasheet HTML 2Page - Sony Corporation CXL1504M Datasheet HTML 3Page - Sony Corporation CXL1504M Datasheet HTML 4Page - Sony Corporation CXL1504M Datasheet HTML 5Page - Sony Corporation CXL1504M Datasheet HTML 6Page - Sony Corporation CXL1504M Datasheet HTML 7Page - Sony Corporation CXL1504M Datasheet HTML 8Page - Sony Corporation CXL1504M Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
– 4 –
CXL1504M
4) Indicates the dissipation at 3.58MHz in relation to 200kHz.
From the output voltage at OUT pin when a 150mVp-p, 200kHz sine wave is fed to IN pin, and from the
output voltage at OUT pin when a 150mVp-p, 3.58MHz sine wave is fed to same, calculation is made
according to the following formula. The input part bias is tested at VIN – 0.2V.
fr = 20 log
[dB]
5) The differential gain (DG) and the differential phase (DP), when the 5-staircase wave in the figure. below is
input are tested at the vector scope.
OUT pin output voltage (3.58MHz) [mVp-p]
OUT pin output voltage (200kHz) [mVp-p]
500mV
1H 63.56µs
143mV
357mV
143mV
IN pin input waveform is the inverted waveform in the figure above
6) The internal clock component to the output signal during no-signal input and the leakage of that high
harmonic component are tested. The input part bias is tested at VINV.
Test value
(mVp-p)
7) S/N ratio during 50% white video signal input shown in figure. below is tested at a video noise meter, in
BPF 100kHz to 4MHz, Sub Carrier Trap mode.
321mV
1H 63.56µs
143mV
178mV
IN pin input waveform is the inverted waveform in the figure above
0.3Vp-p to 1.0Vp-p
(0.5Vp-p typ.)
4fsc (14.318182MHz) sine wave
Clock


Similar Part No. - CXL1504M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1501 SONY-CXL1501 Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
   CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
CXL1505M SONY-CXL1505M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
More results

Similar Description - CXL1504M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5005M SONY-CXL5005M Datasheet
112Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC with PLL
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com