Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS5L25 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS5L25
Description  Low drop power Schottky rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L25 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS5L25 Datasheet HTML 1Page - STMicroelectronics STPS5L25 Datasheet HTML 2Page - STMicroelectronics STPS5L25 Datasheet HTML 3Page - STMicroelectronics STPS5L25 Datasheet HTML 4Page - STMicroelectronics STPS5L25 Datasheet HTML 5Page - STMicroelectronics STPS5L25 Datasheet HTML 6Page - STMicroelectronics STPS5L25 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS5L25
2/7
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
25
V
IF(RMS)
RMS forward current
7
A
IF(AV)
Average forward current
TC = 145 °C δ = 0.5
5
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2 µs square F = 1 kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
2
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
3000
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature (1)
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
1.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
<
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.5
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
350
µA
Tj = 125 °C
55
115
mA
VF
(1.)
Forward voltage drop
Tj = 25 °C
IF = 5 A
0.47
V
Tj = 125 °C
IF = 5 A
0.31
0.35
Tj = 25 °C
IF = 10 A
0.59
Tj = 125 °C
IF = 10 A
0.41
0.50
1.
Pulse test: tp = 380 µs,
δ < 2%


Similar Part No. - STPS5L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L25 STMICROELECTRONICS-STPS5L25 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B STMICROELECTRONICS-STPS5L25B Datasheet
67Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS5L25B-1 STMICROELECTRONICS-STPS5L25B-1 Datasheet
67Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results

Similar Description - STPS5L25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com