Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07H3340M Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA07H3340M
Description  RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07H3340M Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA07H3340M_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07H3340M_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANT
RA
RA
RA
RA07H3340
07H3340
07H3340
07H3340M
M
M
M
RA07H3340M
28 Jun 2010
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
2
4
6
8
10
12
14
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
Pout
f=330MHz,
VDD=12.5V,
Pin=20mW
IDD
0
5
10
15
20
2
4
6
8
10
12
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
Pout
f=400MHz,
VGG=3.5V,
Pin=20mW
IDD
0
2
4
6
8
10
12
14
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
Pout
f=360MHz,
VDD=12.5V,
Pin=20mW
IDD
0
2
4
6
8
10
12
14
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
Pout
f=400MHz,
VDD=12.5V,
Pin=20mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, Z G=ZL=50
Ω, unless otherwise specified)


Similar Part No. - RA07H3340M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H3340M-101 MITSUBISHI-RA07H3340M-101 Datasheet
243Kb / 8P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07H3340M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H3340M MITSUBISHI-RA07H3340M_06 Datasheet
243Kb / 8P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA07M3340M MITSUBISHI-RA07M3340M_10 Datasheet
113Kb / 9P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M3340M MITSUBISHI-RA07M3340M_06 Datasheet
222Kb / 8P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_06 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H0608M MITSUBISHI-RA07H0608M_06 Datasheet
230Kb / 8P
   RoHS Compliance ,68-88MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_10 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com