Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA03M3540MD Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RA03M3540MD
Description  RoHS Compliance , 350-400MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA03M3540MD Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RA03M3540MD Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA03M3540MD Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANT
RA
RA
RA
RA03M3540
03M3540
03M3540
03M3540M
M
M
MD
D
D
D
RA03M3540MD
28 Jun 2010
2/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VDD
Drain Voltage
VGG<3.5V
9.2
V
VGG1
Gate Voltage
VDD<7.2V, Pin=0mW
4
V
VGG2
Gate Voltage
VDD<7.2V, Pin=0mW
4
V
Pin
Input Power
100
mW
Pout
Output Power
10
W
Tcase(OP)
Operation Case Temperature Range
f=350-400MHz,
ZG=ZL=50
-30 to +90
°C
Tstg
Storage Temperature Range
-40 to +110
°C
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25°C, Z G=ZL=50
Ω, unless otherwise specified)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
f
Frequency Range
350
-
400
MHz
Pout
Output Power
VDD=7.2V,Pin(Single Carrier)=+19dBm,
Idq1=20mA(Vgg1 adjust.),
Idq2=1A(Vgg2 adjust.)
38
-
-
dBm
ηT
Total Efficiency
35
-
-
%
2fo
2
nd Harmonic
-
-
-25
dBc
ρin
Input VSWR
-
-
4.4:1
IGG
Gate Current
VDD=7.2V,Pout (Single Carrier) =38dBm (,Pin adjust.),
Idq1=20mA(Vgg1 adjust.),
Idq2=1A(Vgg2 adjust.)
-
1
-
mA
IMD3
3
rd Inter Modulation
Distortion
-
-
-25
dBc
IMD5
5
th Inter Modulation
Distortion
VDD=7.2V,Pout (average)=35dBm(Pin adjust.),
Idq1=20mA(Vgg1 adjust.),
Idq2=1A(Vgg2 adjust.) ,
Two tone test at 1KHz separation
-
-
-25
dBc
GV
Gain Variation
VDD=7.2V,Pout (Single Carrier)=35dBm(Pin adjust.),
Across specified frequency range
Idq1=20mA(Vgg1 adjust.),
Idq2=1A(Vgg2 adjust.)
0
-
4
dB
Stability
Vdd=6.0/7.2/9.2V,
Idq1=20mA(Vgg1 adjust),
Idq2=1A(Vgg2 adjust) ,
Po(Single Carrier)=15-38dBm(Pin control)
LOAD VSWR=2:1(All Phase),Zg=50
No parasitic oscillation
Load VSWR Tolerance
Vdd=9.2V, Pout(Single Carrier)=39dBm (Pin adjust.),
LOAD VSWR=2:1(All Phase),Zg=50Ω,
Idq1=20mA(Vgg1 adjust.@Vdd=7.2V),
Idq2=1A(Vgg2 adjust.@Vdd=7.2V)
No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.


Similar Part No. - RA03M3540MD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA03M3540MD MITSUBISHI-RA03M3540MD Datasheet
188Kb / 7P
   RF MOSFET MODULE 350-400MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M3540MD-101 MITSUBISHI-RA03M3540MD-101 Datasheet
188Kb / 7P
   RF MOSFET MODULE 350-400MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA03M3540MD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA03M4547MD MITSUBISHI-RA03M4547MD_10 Datasheet
152Kb / 9P
   RoHS Compliance , 450-470MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M4043MD MITSUBISHI-RA03M4043MD_10 Datasheet
188Kb / 9P
   RoHS Compliance , 400-430MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA03M3540MD MITSUBISHI-RA03M3540MD Datasheet
188Kb / 7P
   RF MOSFET MODULE 350-400MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M Datasheet
240Kb / 8P
   RoHS Compliance ,66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452M MITSUBISHI-RA07M4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047MSA MITSUBISHI-RA07M4047MSA Datasheet
147Kb / 9P
   RoHS Compliance , 400-470MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452MSA MITSUBISHI-RA07M4452MSA_10 Datasheet
149Kb / 9P
   RoHS Compliance , 440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M3340M MITSUBISHI-RA07M3340M_10 Datasheet
113Kb / 9P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M3340M MITSUBISHI-RA07M3340M_06 Datasheet
222Kb / 8P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com