Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH602C-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH602C-Y
Description  Automotive ultrafast recovery diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH602C-Y Datasheet(HTML) 6 Page - STMicroelectronics

  STTH602C-Y Datasheet HTML 1Page - STMicroelectronics STTH602C-Y Datasheet HTML 2Page - STMicroelectronics STTH602C-Y Datasheet HTML 3Page - STMicroelectronics STTH602C-Y Datasheet HTML 4Page - STMicroelectronics STTH602C-Y Datasheet HTML 5Page - STMicroelectronics STTH602C-Y Datasheet HTML 6Page - STMicroelectronics STTH602C-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
STTH602C-Y
6/7
Doc ID 023250 Rev 1
3
Ordering information
4
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STTH602CBY-TR
STTH602CBY
DPAK
0.30 g
2500
Tape and Reel
Table 8.
Document revision history
Date
Revision
Changes
24-Oct-2012
1
First issue.


Similar Part No. - STTH602C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH602C STMICROELECTRONICS-STTH602C Datasheet
111Kb / 9P
   Ultrafast recovery diode
STTH602CFP STMICROELECTRONICS-STTH602CFP Datasheet
111Kb / 9P
   Ultrafast recovery diode
STTH602CSF STMICROELECTRONICS-STTH602CSF Datasheet
330Kb / 10P
   200 V, dual 3 A ultrafast rectifier
Rev 1 - November 2020
STTH602CSFY STMICROELECTRONICS-STTH602CSFY Datasheet
333Kb / 10P
   Automotive 200 V, dual 3 A ultrafast rectifier
Rev 1 - November 2020
STTH602CT STMICROELECTRONICS-STTH602CT Datasheet
111Kb / 9P
   Ultrafast recovery diode
More results

Similar Description - STTH602C-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
   Automotive ultrafast recovery diode
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
   Automotive ultrafast recovery diode
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
   Automotive ultrafast recovery diode
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
   Automotive ultrafast recovery diode
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
   Automotive ultrafast recovery diode
July 2013 Rev 1
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
   Automotive ultrafast recovery diode
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
   Automotive ultrafast recovery - high voltage diode
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
   Automotive ultrafast recovery - high voltage diode
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
   Automotive ultrafast recovery - high voltage diode
STTH802SFY STMICROELECTRONICS-STTH802SFY Datasheet
497Kb / 13P
   Automotive 200 V ultrafast recovery diode
July 2018 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com