Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK77B1810AGB-6 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXK77B1810AGB-6
Description  High Speed Bi-CMOS Synchronous Static RAM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK77B1810AGB-6 Datasheet(HTML) 4 Page - Sony Corporation

  CXK77B1810AGB-6 Datasheet HTML 1Page - Sony Corporation CXK77B1810AGB-6 Datasheet HTML 2Page - Sony Corporation CXK77B1810AGB-6 Datasheet HTML 3Page - Sony Corporation CXK77B1810AGB-6 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
– 4 –
CXK77B1810AGB
Package Outline
Unit: mm
SO N Y CO DE
EIAJ CO DE
JEDEC CO DE
PAC KAG E STRUCTURE
PAC KAG E MATER IAL
BO AR D MATER IAL
TER M INAL MATER IAL
PAC KAG E WEIGH T
EPO XY R ESIN
C O PPER -CLAD LAM INATE
SO LD ER
0.8g
119 TER M INAL BG A(PLASTIC)
BG A-119P-01
0.15
C
DETAIL X
0.35
C
C
0.6}0. 1
0.6}0. 1
1.5
3.19
1.27
7.62
0.
75}0. 15
1 2 3 4 5 6 7
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
0.
3
C
AB
0.
1
14.0
11.5
A
B
0.10
~4
X


Similar Part No. - CXK77B1810AGB-6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B3610GB- SONY-CXK77B3610GB- Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB-6 SONY-CXK77B3610GB-6 Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB-7 SONY-CXK77B3610GB-7 Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3611AGB-5 SONY-CXK77B3611AGB-5 Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
More results

Similar Description - CXK77B1810AGB-6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK77B3611AGB- SONY-CXK77B3611AGB- Datasheet
81Kb / 4P
   High Speed Bi-CMOS Synchronous Static RAM
CXK77B3610GB- SONY-CXK77B3610GB- Datasheet
199Kb / 16P
   High Speed Bi-CMOS Synchronous Static RAM
logo
White Electronic Design...
EDI8L32512C WEDC-EDI8L32512C Datasheet
109Kb / 8P
   512Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK5B41020TM- SONY-CXK5B41020TM- Datasheet
131Kb / 9P
   262144-word x 4-bit High Speed Bi-CMOS Static RAM
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
White Electronic Design...
EDI8L32128V WEDC-EDI8L32128V Datasheet
190Kb / 7P
   128Kx32 CMOS High Speed Static RAM
logo
Sony Corporation
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com