Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21962-4S Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS21962-4S
Description  Dual-In-Line Package Intelligent Power Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21962-4S Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS21962-4S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21962-4S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21962-4S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21962-4S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21962-4S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21962-4S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21962-4S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21962-4S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module>
PS21962-4S
TRANSFER-MOLD TYPE
INSULATED TYPE
Mar. 2007
4
Note 7: Flatness measurement position
+–
+
Heat sink side
Heat sink side
4.6mm
DIP-IPM
Measurement position
Mounting screw : M3
(Note 6)
Condition
Parameter
Limits
Mounting torque
Weight
Heat-sink flatness
Min.
MECHANICAL CHARACTERISTICS AND RATINGS
Typ.
Max.
0.59
–50
Unit
10
0.78
100
N·m
g
µm
Recommended : 0.69 N·m
(Note 7)
V
V
V
V/µs
µs
kHz
Supply voltage
Control supply voltage
Control supply voltage
Control supply variation
Arm shoot-through blocking time
PWM input frequency
Applied between P-NU, NV, NW
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-U, VVFB-V, VWFB-W
For each input signal, TC ≤ 100°C
TC ≤ 100°C, Tj ≤ 125°C
400
16.5
18.5
1
20
VCC
VD
VDB
∆VD, ∆VDB
tdead
fPWM
Condition
Symbol
Parameter
Limits
Min.
Typ.
Max.
0
13.5
13.0
–1
1.5
Unit
RECOMMENDED OPERATION CONDITIONS
300
15.0
15.0
Note 8 : The allowable r.m.s. current value depends on the actual application conditions.
9: IPM might not make response if the input signal pulse width is less than the recommended minimum value.
Note 6 : Plain washers (ISO 7089~7094) are recommended.
IO
PWIN(on)
PWIN(off)
VNC
Allowable r.m.s. current
Allowable minimum input
pulse width
VNC variation
VCC = 300V, VD = VDB = 15V,
P.F = 0.8, sinusoidal PWM,
Tj ≤ 125°C, TC ≤ 100°C
(Note 8)
(Note 9)
Between VNC-NU, NV, NW (including surge)
Arms
µs
V
0.5
0.5
–5.0
5.0
fPWM = 5kHz
fPWM = 15kHz
2.5
1.5


Similar Part No. - PS21962-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21962-4S MITSUBISHI-PS21962-4S Datasheet
130Kb / 8P
   600V/5A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
More results

Similar Description - PS21962-4S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com