Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXK5V8512TM- Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXK5V8512TM-
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 2 page
background image
– 2 –
CXK5V8512TM
Address input
Data input output
Chip enable 1, 2 input
Write enable input
Output enable input
Power supply
Ground
No connection
Symbol
Description
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature · time
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +4.6
–0.5∗ to VCC + 0.5
–0.5∗ to VCC + 0.5
0.7
–25 to +85
–55 to +150
235 • 10
V
V
V
W
°C
°C
°C • s
Item
Symbol
Rating
Unit
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
∗ V
IN
, VI/O = –3.0V Min. for pulse width less than 50ns.
Pin Description
A0 to A15
I/O1 to I/O8
CE1, CE2
WE
OE
VCC
GND
NC
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
18
19
20
21
22
23
24
25
26
27
28
29
30
32
A11
A9
A8
A13
WE
CE2
A15
Vcc
NC
NC
A14
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
17
CXK5V8512TM
Pin Configuration (Top View)
H
×
L
L
L
×
L
H
H
H
×
×
H
L
×
×
×
H
H
L
Not selected
Not selected
Output disable
Read
Write
High Z
High Z
High Z
Data out
Data in
ISB1, ISB2
ISB1, ISB2
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
CE1 CE2
OE
WE
Mode
I/O pin
VCC Current
Truth Table
×: “H” or “L”
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
Typ.
Max.
Unit
VCC
VIH
VIL
3.0
2.2
–0.3∗
3.3
3.6
VCC + 0.3
0.6
V
V
V
DC Recommended Operating Conditions
(Ta = –25 to +85°C, GND = 0V)
∗ V
IL
= –3.0V Min. for pulse width less than 50ns.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T8512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6286465536-word ´ 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V81000ATM131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5T16100TM-65536-word x 16-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl