Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXK5V81000ATM Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXK5V81000ATM
Description  131072-word X 8-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 1 page
background image
– 1 –
CXK5V81000ATM -85LLX/10LLX
E95715-ST
131072-word
× 8-bit High Speed CMOS Static RAM
Description
The CXK5V81000ATM is a high speed CMOS
static RAM organized as 131072-words by 8-bits.
A
polysilicon
TFT
cell
technology
realized
extremely low stand-by current and higher data
retention stability.
Operating on a single 3.3V supply, and special
feature are low power consumption, high speed.
The CXK5V81000ATM is a suitable RAM for
portable equipment with battery back up.
Features
• Extended operating temperature range:
–25 to +85°C
• Fast access time:
(Access time)
-85LLX
85ns (Max.)
-10LLX
100ns (Max.)
• Low standby current:
28µA (Max.)
• Low data retention current: 24µA (Max.)
• Single 3.3V supply:
3.3V ± 0.3V
• Low voltage data retention: 2.0V
(Min.)
• Package
8mm
× 20mm 32 pin TSOP package
Function
131072-word x 8-bit static RAM
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Block Diagram
Memory
Matrix
1024
× 512
I/O Gate
Column
Decoder
Row
Decoder
Buffer
Buffer
Buffer
I/O Buffer
VCC
GND
I/O1 I/O8
OE
WE
CE1
A10
A11
A9
A8
A15
A16
A14
A12
A7
A5
A6
A4
A3
A1
A0
A13
A2
CE2
32 pin TSOP (Plastic)
For the availability of this product, please contact the sales office.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5V8512TM-65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5B81020J131072-word ´ 8-bit High Speed Bi-CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl