Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS340-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS340-Y
Description  Automotive power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS340-Y Datasheet HTML 1Page - STMicroelectronics STPS340-Y Datasheet HTML 2Page - STMicroelectronics STPS340-Y Datasheet HTML 3Page - STMicroelectronics STPS340-Y Datasheet HTML 4Page - STMicroelectronics STPS340-Y Datasheet HTML 5Page - STMicroelectronics STPS340-Y Datasheet HTML 6Page - STMicroelectronics STPS340-Y Datasheet HTML 7Page - STMicroelectronics STPS340-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
October 2012
Doc ID 17390 Rev 1
1/8
8
STPS340-Y
Automotive power Schottky rectifier
Datasheet
production data
Features
Very small conduction losses
Negligible switching losses
Low forward voltage drop
Low thermal resistance
Extremely fast switching
Surface mounted device
Avalanche capability specified
AEC-Q101 qualified
Description
This single chip Schottky rectifier is suited for
switch mode power supplies and high frequency
DC to DC converters.
Packaged in SMB, and SMC, this device is
intended for use in low and medium voltage
operation, high frequency inverters, free wheeling
and polarity protection applications where low
switching losses are required for automotive
applications.
Table 1.
Device summary
IF(AV)
3 A
VRRM
40 V
Tj (max)
150 °C
VF (max)
0.57 V
SMB
STPS340UY
SMC
STPS340SY
K
A
K
A
www.st.com


Similar Part No. - STPS340-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS340 STMICROELECTRONICS-STPS340 Datasheet
101Kb / 7P
   POWER SCHOTTKY RECTIFIER
STPS340B STMICROELECTRONICS-STPS340B Datasheet
101Kb / 7P
   POWER SCHOTTKY RECTIFIER
STPS340B STMICROELECTRONICS-STPS340B Datasheet
141Kb / 11P
   Power Schottky rectifier
STPS340B STMICROELECTRONICS-STPS340B Datasheet
96Kb / 7P
   POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS340B ISC-STPS340B Datasheet
299Kb / 2P
   Schottky Rectifier Diode
More results

Similar Description - STPS340-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
   Automotive power Schottky rectifier
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
   Automotive power Schottky rectifier
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
   Automotive power Schottky rectifier
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
   Automotive power Schottky rectifier
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
   Automotive power Schottky rectifier
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
   Automotive power Schottky rectifier
December 2013 Rev 2
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
   Automotive power Schottky rectifier
STPS1545-Y STMICROELECTRONICS-STPS1545-Y Datasheet
85Kb / 7P
   Automotive power Schottky rectifier
STPS1545C-Y STMICROELECTRONICS-STPS1545C-Y Datasheet
111Kb / 7P
   Automotive power Schottky rectifier
May 2011 Rev 1
STPS3L60U-Y STMICROELECTRONICS-STPS3L60U-Y Datasheet
223Kb / 7P
   Automotive power Schottky rectifier
March 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com