Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK591000YM-10LL Datasheet(PDF) 3 Page - Sony Corporation

Part # CXK591000YM-10LL
Description  131,072-word X 9-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK591000YM-10LL Datasheet(HTML) 3 Page - Sony Corporation

  CXK591000YM-10LL Datasheet HTML 1Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 2Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 3Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 4Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 5Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 6Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 7Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 8Page - Sony Corporation CXK591000YM-10LL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
– 3 –
CXK591000TM/YM/M
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
Typ.
Max.
Unit
VCC
VIH
VIL
4.5
2.2
–0.3∗
5.0
5.5
VCC + 0.3
0.8
V
V
V
DC Recommended Operating Conditions
(Ta = 0 to +70°C, GND = 0V)
∗ V
IL
= –3.0V Min. for pulse width less than 50ns.
Input leakage current
Output leakage
current
Operating power supply
current
ILI
ILO
ICC1
VIN = GND to VCC
CE1 = VIH or CE2 = VIL or
OE = VIH or WE = VIL
VI/O = GND to VCC
CE1 = VIL, CE2 = VIH
VIN = VIH or VIL
IOUT = 0mA
-55LL
-70LL
-10LL
0 to +70°C
0 to +40°C
+25°C
–1
–1
12
24
0.8
0.6
24
5
2.4
3
µA
mA
8
50
45
40
+1
+1
17
100
80
70
µA
µA
mA
mA
mA
Item
System
Min.
Typ.∗
Max.
Unit
Test conditions
Electrical Characteristics
• DC Characteristics
(VCC = 5V ± 10%, GND = 0V, Ta = 0 to +70°C)
∗ V
CC
= 5V, Ta = 25°C
Average operating current
Output high voltage
Output low voltage
Standby current
ICC2
ICC3
ISB1
ISB2
VOH
VOL
Min. cycle
duty = 100%
IOUT = 0mA
Cycle time 1µs
duty = 100%
IOUT = 0mA
CE1
≤ 0.2V
CE2
≥ Vcc – 0.2V
VIL
≤ 0.2V
VIH
≥ Vcc – 0.2V
CE2
≤ 0.2V
CE1
≥ Vcc – 0.2V
CE2
≥ Vcc – 0.2V
CE1 = VIH or CE2 = VIL
IOL = 2.1mA
2.4
0.4
V
V
IOH = –1.0mA


Similar Part No. - CXK591000YM-10LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK591000YM-10LL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com