Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK591000TM-10LL Datasheet(PDF) 9 Page - Sony Corporation

Part # CXK591000TM-10LL
Description  131,072-word X 9-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK591000TM-10LL Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXK591000TM-10LL Datasheet HTML 5Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 6Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 7Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 8Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 9Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 10Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 11Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 12Page - Sony Corporation CXK591000TM-10LL Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
– 9 –
CXK591000TM/YM/M
Data retention
voltage
Data retention
setup time
Recovery time
VDR
ICCDR1
ICCDR2
tCDRS
tR
1
0 to +70°C
0 to +40°C
+25°C
VCC = 2.0 to 5.5V∗1
Chip disable to data retention
mode
2.0
0
5
0.5
0.8∗2
5.5
14
3
1.4
24
V
µA
µA
ns
ms
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Data Retention Characteristics
(Ta = 0 to +70°C)
1 CE1 ≥ Vcc – 0.2V, CE2 ≥ Vcc – 0.2V (CE1 control) or CE2 ≤ 0.2V (CE2 control)
2 V
CC
= 5V, Ta = 25°C
Data retention
current
VCC = 3.0V∗1
VCC
4.5V
2.2V
VDR
CE1
GND
tCDRS
Data retention mode
CE1
≥ VCC – 0.2V
tR
Data retention mode
tR
tCDRS
CE2
≤ 0.2V
VCC
4.5V
0.4V
CE2
GND
VDR
Data retention waveform
• Low supply voltage data retention waveform (1) (CE1 control)
• Low supply voltage data retention waveform (2) (CE2 control)


Similar Part No. - CXK591000TM-10LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK591000TM-10LL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128ALFP-10 HITACHI-HM628128ALFP-10 Datasheet
81Kb / 13P
   131,072-word X 8-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com