Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS219B4-AS Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS219B4-AS
Description  Dual-In-Line Package Intelligent Power Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS219B4-AS Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS219B4-AS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS219B4-AS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
< Dual-In-Line Package Intelligent Power Module >
PS219B4-S/-AS/-CS/-ST/-AST/-CST
TRANSFER MOLDING TYPE
INSULATED TYPE
Publication Date : November 2011
4
Fig. 3 Temperature of LVIC vs. VOT output characteristics
2.77
2.63
2.91
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
60
70
80
90
100
110
120
LVIC temperature (°C)
Typ.
Max.
Min.
Fig. 4 VOT output circuit
(1) It is recommended to insert 5kΩ or more (5.1kΩ is recommended) pull down resistor for getting linear output characteristics at low
temperature below room temperature. When the pull down resistor is inserted between VOT and VNC(control GND), the extra circuit
current, which is calculated approximately by VOT output voltage divided by pull down resistance, flows as LVIC circuit current
continuously. In the case of using VOT for detecting high temperature over room temperature only, it is unnecessary to insert the pull
down resistor.
(2) In the case of using VOT with low voltage controller like 3.3V MCU, VOT output might exceed control supply voltage 3.3V when
temperature rises excessively. If system uses low voltage controller, it is recommended to insert a clamp Di between control supply of
the controller and VOT output for preventing over voltage destruction.
(3) In the case of not using VOT, leave VOT output NC (No Connection).
Refer the application note for Super Mini DIPIPM Ver.5 series about the usage of VOT.
Ref
VOT
Temperature
Signal
VNC
Inside LVIC
of DIPIPM
MCU
5kΩ


Similar Part No. - PS219B4-AS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS219B4-ST POWEREX-PS219B4-ST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 15 Amperes/600 Volts
More results

Similar Description - PS219B4-AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com