Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHA1020SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1020SB
Description  280W GaN WIDE-BAND PULSED POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1020SB Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1020SB Datasheet HTML 1Page - RF Micro Devices RFHA1020SB Datasheet HTML 2Page - RF Micro Devices RFHA1020SB Datasheet HTML 3Page - RF Micro Devices RFHA1020SB Datasheet HTML 4Page - RF Micro Devices RFHA1020SB Datasheet HTML 5Page - RF Micro Devices RFHA1020SB Datasheet HTML 6Page - RF Micro Devices RFHA1020SB Datasheet HTML 7Page - RF Micro Devices RFHA1020SB Datasheet HTML 8Page - RF Micro Devices RFHA1020SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
RF IN
VG
Pin 1 (CUT)
RF OUT
VD
Pin 2
GND
BASE
RFHA1020
280W GaN WIDE-BAND PULSED
POWER AMPLIFIER
The RFHA1020 is a 50V 280W high power discrete amplifier designed for L-band
pulsed radar, air traffic control and surveillance and general purpose broadband
amplifier applications. Using an advanced high power density Gallium Nitride (GaN)
semiconductor process, these high performance amplifiers achieve high output
power, high efficiency, and flat gain over a broad frequency range in a single pack-
age. The RFHA1020 is a matched power transistor packaged in a hermetic, flanged
ceramic package. The package provides excellent thermal stability through the use
of advanced heat sink and power dissipation technologies. Ease of integration is
accomplished through the incorporation of single, optimized matching networks
that provide wideband gain and power performance in a single amplifier.
Features
Wideband Operation: 1.2GHz
to 1.4GHz
Advanced GaN HEMT
Technology
Advanced Heat-Sink
Technology
Supports Multiple Pulse
Conditions
10% to 20% Duty Cycle
100
s to 1ms Pulse Width
Integrated Matching
Components for High
Terminal Impedances
50V Operation Typical
Performance:
Output Pulsed Power: 280W
Pulse Width: 100
s, Duty Cycle
10%
Small Signal Gain: 15dB
High Efficiency (55%)
- 40°C to 85°C Operating
Temperature
Applications
Radar
Air Traffic Control and
Surveillance
General Purpose Broadband
Amplifiers
RFHA1020S2
2-Piece sample bag
RFHA1020SB
5-Piece bag
RFHA1020SQ
25-Piece bag
RFHA1020SR
50 Pieces on 7” short reel
RFHA1020TR13
250 Pieces on 13” reel
RFHA1020PCBA-410 Fully assembled evaluation board 1.2GHz to 1.4GHz; 50V
operation
DS120508
Package: Flanged Ceramic, 2 Pin


Similar Part No. - RFHA1020SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RFHA1023PCBA-410 RFMD-RFHA1023PCBA-410 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
More results

Similar Description - RFHA1020SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RFHA1027 RFMD-RFHA1027 Datasheet
595Kb / 10P
   500W GaN Wide-Band Pulsed Power Amplifier
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
   160W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
   60W GaN Wide-Band Pulsed Power Amplifier
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
   250W GaN WIDE-BAND PULSED
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com