Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3934SB Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF3934SB
Description  120W GaN WIDEBAND POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3934SB Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF3934SB Datasheet HTML 6Page - RF Micro Devices RF3934SB Datasheet HTML 7Page - RF Micro Devices RF3934SB Datasheet HTML 8Page - RF Micro Devices RF3934SB Datasheet HTML 9Page - RF Micro Devices RF3934SB Datasheet HTML 10Page - RF Micro Devices RF3934SB Datasheet HTML 11Page - RF Micro Devices RF3934SB Datasheet HTML 12Page - RF Micro Devices RF3934SB Datasheet HTML 13Page - RF Micro Devices RF3934SB Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
RF3934
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
2.14GHz Evaluation Board Layout
Device Impedances
Note: Device impedances reported are the measured evaluation board impedances chosen for a trade off of efficiency, peak power, and linearity
performance across the entire frequency bandwidth.
Frequency
Z Source (
)
Z Load (

2110MHz
1.58 - j2.56
3.5 - j0.08
2140MHz
1.49 - j2.25
3.46 + j0.38
2170MHz
1.42 - j1.96
3.43 + j0.85


Similar Part No. - RF3934SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
   120W GaN on SiC Power Amplifier Die
More results

Similar Description - RF3934SB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
   120W GaN on SiC Power Amplifier Die
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
logo
Microsemi Corporation
1214GN-120E MICROSEMI-1214GN-120E Datasheet
488Kb / 16P
   120W L-Band Radar GaN Power Transistor and Pallet Amplifier
Revision 1.0
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
   GaN Wideband Power Amplifier, 28 V, 12.5 W
logo
Qorvo, Inc
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
   2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com