Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-8GEYJ100V Datasheet(PDF) 7 Page - RF Micro Devices

Part # ERJ-8GEYJ100V
Description  90W GaN WIDE-BAND POWER AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ERJ-8GEYJ100V Datasheet(HTML) 7 Page - RF Micro Devices

Back Button ERJ-8GEYJ100V Datasheet HTML 3Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 4Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 5Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 6Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 7Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 8Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 9Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 10Page - RF Micro Devices ERJ-8GEYJ100V Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
RF3933
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
0
10
20
30
40
50
60
70
80
14
15
16
17
18
19
20
21
22
30
35
40
45
50
55
Pout, Output Power (dBm)
Gain/ Efficiency vs. Pout, f = 900MHz
(CW, Vd = 48V, Idq = 300mA)
Gain
Eff
0
10
20
30
40
50
60
70
80
15
16
17
18
19
20
21
22
23
30
35
40
45
50
55
Pout, Output Power (dBm)
Gain/ Efficiency vs. Pout, f = 900MHz
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
Gain
Drain Eff
-45
-40
-35
-30
-25
-20
0
0
1
0
1
1
Pout, Output Power (W-PEP)
IMD3 vs. Pout
(2-Tone 1MHz Separa on, Vd = 48V, Idq varied, fc = 900MHz)
260mA
300mA
330mA
370mA
20
20.2
20.4
20.6
20.8
21
21.2
21.4
21.6
21.8
22
0
0
1
0
1
1
Pout, Output Power (W-PEP)
Gain vs. Pout
(2-Tone 1MHz Separa on, Vd = 48V, Idq varied, fc = 900MHz)
260mA
300mA
330mA
370mA
-70
-60
-50
-40
-30
-20
-10
0
0
0
1
0
1
1
Pout, Output Power (W- PEP)
IMD vs. Output Power
(Vd = 48V, Idq = 300mA, f1 = 899.5MHz, f2 = 900.5MHz)
-IMD3
IMD3
-IMD5
IMD5
-IMD7
IMD7


Similar Part No. - ERJ-8GEYJ100V

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
ERJ-8GEYJ100V RFMD-ERJ-8GEYJ100V Datasheet
1Mb / 14P
   120W GaN WIDEBAND POWER AMPLIFIER
More results

Similar Description - ERJ-8GEYJ100V

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFG1M09090 RFMD-RFG1M09090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
   GaN WIDE-BAND POWER AMPLIFIER
RFG1M20090 RFMD-RFG1M20090 Datasheet
1Mb / 11P
   90W GaN Power Amplifier
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
   25W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
   65W GaN Wide-Band Power Amplifier
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
   25W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com