Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS30SM80C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS30SM80C
Description  Power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30SM80C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS30SM80C Datasheet HTML 1Page - STMicroelectronics STPS30SM80C Datasheet HTML 2Page - STMicroelectronics STPS30SM80C Datasheet HTML 3Page - STMicroelectronics STPS30SM80C Datasheet HTML 4Page - STMicroelectronics STPS30SM80C Datasheet HTML 5Page - STMicroelectronics STPS30SM80C Datasheet HTML 6Page - STMicroelectronics STPS30SM80C Datasheet HTML 7Page - STMicroelectronics STPS30SM80C Datasheet HTML 8Page - STMicroelectronics STPS30SM80C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPS30SM80C
Characteristics
Doc ID 018727 Rev 1
5/11
Figure 14.
Thermal resistance junction to ambient versus copper surface under tab for D2PAK
Figure 12.
Forward voltage drop versus
forward current (per diode)
Figure 13.
Reverse safe operating area
(tp < 1 µs and Tj < 150 °C)
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
(Typical values)
T = 125 °C
j
(Maximum values)
T = 125 °C
j
(Maximum values)
T = 25 °C
j
I
(A)
FM
V
(V)
FM
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
100
105
110 115
120
125 130
135
140 145
150
V
(V)
arm
I
(A)
arm
I
(V
) 150 °C, 1µs
arm
arm
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
DPAK
2
R
(°C/W)
th(j-a)
S (cm )
Cu
2
epoxy printed board copper thickness = 35 µm


Similar Part No. - STPS30SM80C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30SM100S STMICROELECTRONICS-STPS30SM100S Datasheet
157Kb / 11P
   Power Schottky rectifier
STPS30SM100S STMICROELECTRONICS-STPS30SM100S Datasheet
157Kb / 11P
   Power Schottky rectifier
STPS30SM100S STMICROELECTRONICS-STPS30SM100S Datasheet
335Kb / 14P
   100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPS30SM100SG-TR STMICROELECTRONICS-STPS30SM100SG-TR Datasheet
157Kb / 11P
   Power Schottky rectifier
STPS30SM100SG-TR STMICROELECTRONICS-STPS30SM100SG-TR Datasheet
335Kb / 14P
   100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
More results

Similar Description - STPS30SM80C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com