Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXK5T81000ATM Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXK5T81000ATM
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 3 page
background image
– 3 –
CXK5T81000ATM/AYM/AM
DC Recommended Operating Conditions
(Ta = –25 to +85°C, GND = 0V)
1 V
IL
= –3.0V Min. for pulse width less than 50ns.
Input leakage current
Output leakage current
Operating power supply
current
ILI
ILO
ICC1
VIN = GND to VCC
CE1 = VIH or CE2 = VIL or
OE = VIH or WE = VIL
VI/O = GND to VCC
CE1 = VIL, CE2 = VIH
VIN = VIH or VIL
IOUT = 0mA
10LLX
12LLX
–25 to +85°C
–25 to +70°C
+25°C
–1
–1
5
10
0.48
0.12
28
14
1.4
µA
mA
1
25∗2
25
+1
+1
3
35∗3
35
µA
µA
mA
mA
mA
Item
Symbol
Min.
Typ.∗1
Max.
Unit
Test conditions
Electrical Characteristics
• DC Characteristics
(VCC = 2.7 to 3.6V, GND = 0V, Ta = –25 to +85°C)
1 V
CC
= 3.3V, Ta = 25°C
2 I
CC2
= 30mA for 3.3V operation (VCC = 3.3V ± 0.3V)
3 I
CC2
= 40mA for 3.3V operation (VCC = 3.3V ± 0.3V)
Average operating current
Output high voltage
Output low voltage
Standby current
ICC2
ICC3
ISB1
ISB2
VOH
VOL
Min. cycle
duty = 100%
IOUT = 0mA
Cycle time 1µs
duty = 100%
IOUT = 0mA
CE1
≤ 0.2V
CE2
≥ Vcc – 0.2V
VIL
≤ 0.2V
VIH
≥ Vcc – 0.2V
CE1 = VIH or CE2 = VIL
IOL = 2.0mA
2.4
0.4
V
V
IOH = –2.0mA
CE2
≤ 0.2V
CE1
≥ Vcc – 0.2V
or
{
CE2
≥ Vcc – 0.2V
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
VCC = 2.7 to 3.6V
VCC = 3.3V ± 0.3V
Typ.
Max.
Unit
VCC
VIH
VIL
2.7
2.4
–0.3∗1
3.3
3.6
VCC + 0.3
0.4
Min.
Typ.
Max.
3.0
2.2
–0.3∗1
3.3
3.6
VCC + 0.3
0.6
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V81000ATM131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5V8512TM-65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5B81020J131072-word ´ 8-bit High Speed Bi-CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl