Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK5T16100TM- Datasheet(PDF) 4 Page - Sony Corporation

Part # CXK5T16100TM-
Description  65536-word x 16-bit High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T16100TM- Datasheet(HTML) 4 Page - Sony Corporation

  CXK5T16100TM- Datasheet HTML 1Page - Sony Corporation CXK5T16100TM- Datasheet HTML 2Page - Sony Corporation CXK5T16100TM- Datasheet HTML 3Page - Sony Corporation CXK5T16100TM- Datasheet HTML 4Page - Sony Corporation CXK5T16100TM- Datasheet HTML 5Page - Sony Corporation CXK5T16100TM- Datasheet HTML 6Page - Sony Corporation CXK5T16100TM- Datasheet HTML 7Page - Sony Corporation CXK5T16100TM- Datasheet HTML 8Page - Sony Corporation CXK5T16100TM- Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
– 4 –
CXK5T16100TM
Input capacitance
I/O capacitance
Item
Symbol Test conditions
Min.
Typ.
Max.
Unit
CIN
CI/O
8
10
pF
pF
VIN = 0V
VI/O = 0V
TTL
CL
AC Characteristics
• AC test conditions
(Ta = –25 to +85°C)
1 C
L
includes scope and jig capacitances.
I/O capacitance
(Ta = 25°C, f = 1MHz)
Note) This parameter is sampled and is not 100% tested.
Input pulse high level
Input pulse low level
Input rise time
Input fall time
Input and output reference level
Output load conditions
VIH = 2.4V
VIL = 0.4V
tr = 5ns
tf = 5ns
1.4V
CL1 = 100pF, 1TTL
Item
VCC = 2.7 to 3.6V
Conditions
VIH = 2.2V
VIL = 0.6V
tr = 5ns
tf = 5ns
1.4V
CL1 = 100pF, 1TTL
VCC = 3.3V ± 0.3V


Similar Part No. - CXK5T16100TM-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5T81000AM SONY-CXK5T81000AM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-10LLX SONY-CXK5T81000AM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000AM-12LLX SONY-CXK5T81000AM-12LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATM-10LLX SONY-CXK5T81000ATM-10LLX Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Similar Description - CXK5T16100TM-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com