Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEU-FC2A100 Datasheet(PDF) 8 Page - RF Micro Devices

Part # EEU-FC2A100
Description  380W GaN WIDEBAND PULSED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

EEU-FC2A100 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button EEU-FC2A100 Datasheet HTML 3Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 4Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 5Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 6Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 7Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 8Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 9Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 10Page - RF Micro Devices EEU-FC2A100 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8 of 11
RF3928B
DS120503
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Bias Instruction for RF3928B Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board. Evaluation board
requires additional external fan cooling. Connect all supplies before powering evaluation board.
1. Connect RF cables at RFIN and RFOUT.
2. Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this
ground terminal.
3. Apply -6V to VG.
4. Apply 65V to VD.
5. Increase VG until drain current reaches 440mA or desired bias point.
6. Turn on the RF input.
IMPORTANT NOTE: Depletion mode device, when biasing the device VG must be applied BEFORE VD. When removing bias VD
must be removed BEFORE VG is removed. Failure to follow sequencing will cause the device to fail.
NOTE: For optimal RF performance, consistent and optimal heat removal from the base of the package is required. A thin layer
of thermal grease should be applied to the interface between the base of the package and the equipment chassis. It is recom-
mended a small amount of thermal grease is applied to the underside of the device package. Even application and removal of
excess thermal grease can be achieved by spreading the thermal grease using a razor blade. The package should then be
bolted to the chassis and input and output leads soldered to the circuit board.
RFIN
RFOUT
Vg
Vd
RF3928B
2.8GHz to 3.4GHz


Similar Part No. - EEU-FC2A100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC2A120 PANASONIC-EEU-FC2A120 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results

Similar Description - EEU-FC2A100

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
RFHA1025 RFMD-RFHA1025 Datasheet
871Kb / 10P
   280W GaN Wideband Pulsed Power Amplifier
RFHA1023 RFMD-RFHA1023 Datasheet
1Mb / 10P
   225W GaN Wideband Pulsed Power Amplifier
logo
M/A-COM Technology Solu...
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P_15 Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01000P-V2 MA-COM-MAGX-000035-01000P-V2 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com