Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXK5B81020J Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXK5B81020J
Description  131072-word ´ 8-bit High Speed Bi-CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

   
 2 page
background image
– 2 –
CXK5B81020J/TM
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
∗1 Vcc, V
IN
, VI/O = –2.0V Min. for pulse width less than 5ns.
∗2 Air flow ≥ 1m/s.
Truth Table
×: "H" or "L"
Recommended Operating Conditions
(Ta = 0 to +70°C, GND = 0V)
∗ V
IL
= –2.0V Min. for pulse width less than 5ns.
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5∗1 to +4.6
–0.5∗1 to VCC + 0.5
–0.5∗1 to VCC + 0.5
1.5∗2
0 to +70
–55 to +150
260 • 10
235 • 10
V
V
V
W
°C
°C
°C • sec
°C • sec
Item
Symbol
Rating
Unit
H
L
L
L
×
L
×
H
×
H
L
H
Not selected
Read
Write
Output disable
High Z
Data out
Data in
High Z
ISB1, ISB2
ICC
ICC
ICC
CE
OE
WE
Mode
I/O1 to I/O8
Current
Supply voltage
Input high voltage
Input low voltage
Item
Symbol
Min.
Typ.
Max.
Unit
VCC
VIH
VIL
3.0
2.0
–0.3∗
3.3
3.6
VCC + 0.3
0.8
V
V
V
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipaiton
Operating temperature
Storage temperature
Soldering temperature • time
J
TM




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V81000ATM131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK581000P131072-word x 8-bit HIGH SPEED COMS STATIC RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5B41020TM-262144-word x 4-bit High Speed Bi-CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8512TM-65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl