Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK5B41020TM- Datasheet(PDF) 3 Page - Sony Corporation

Part # CXK5B41020TM-
Description  262144-word x 4-bit High Speed Bi-CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5B41020TM- Datasheet(HTML) 3 Page - Sony Corporation

  CXK5B41020TM- Datasheet HTML 1Page - Sony Corporation CXK5B41020TM- Datasheet HTML 2Page - Sony Corporation CXK5B41020TM- Datasheet HTML 3Page - Sony Corporation CXK5B41020TM- Datasheet HTML 4Page - Sony Corporation CXK5B41020TM- Datasheet HTML 5Page - Sony Corporation CXK5B41020TM- Datasheet HTML 6Page - Sony Corporation CXK5B41020TM- Datasheet HTML 7Page - Sony Corporation CXK5B41020TM- Datasheet HTML 8Page - Sony Corporation CXK5B41020TM- Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
– 3 –
CXK5B41020TM
I/O
Zo=50
RL=50
VL=1.4V
I/O
3.3V
1179
868
5pF
2
Output load (1)
Output Load (2)
1
∗1. tLZ, tOLZ, tHZ, tOHZ, tOW, tWHZ
∗2. Including scope and jig capacitances
Fig. 1
Electrical Characteristics
DC Characteristics
(Vcc = 3.3V ± 0.3V, GND = 0V, Ta = 0 to +70°C)
∗ Vcc = 3.3V, Ta = 25°C
I/O Capacitance
(Ta = 25°C, f = 1MHz)
Note) This parameter is sampled and is not 100% tested.
AC Characteristics
• AC test condition (Vcc = 3.3V ± 0.3V, Ta = 0 to +75°C)
Input leakage current
Output leakage current
Average operating current
Standby current
Output high voltage
Output low voltage
ILI
ILO
ICC
ISB1
ISB2
VOH
VOL
VIN = GND to VCC
CE = VIH or
OE = VIH or
WE = VIL
VI/O = GND to VCC
Cycle: Min.
Duty = 100%
IOUT = 0mA
CE = VIL
VIN = VIH or VIL
CE
≥ VCC – 0.2V
VIN
≥ VCC – 0.2V or
VIN
≤ 0.2V
Cycle: Min.
Duty = 100%
CE = VIH
VIN = VIH or VIL
IOH = –2.0mA
IOL = 2.0mA
–10
–10
2.4
Item
Symbol
Conditions
Min.
Typ.∗
Max
Unit
Input capacitance
I/O capacitance
Item
Symbol
Conditions
Min.
Typ.
Max
Unit
CIN
CI/O
5
7
pF
pF
VIN = 0V
VI/O = 0V
Input pulse high level
Input pulse low level
Input rise time
Input fall time
Input and output reference level
Output load conditions
VIH = 3.0V
VIL = 0.0V
tr = 2ns
tf = 2ns
1.4V
Fig. 1
Item
Condition
+10
+10
220
10
100
0.4
µA
µA
mA
mA
mA
V
V


Similar Part No. - CXK5B41020TM-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120J-12 SONY-CXK5B16120J-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B16120TM-12 SONY-CXK5B16120TM-12 Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM-12 SONY-CXK5B18120TM-12 Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
More results

Similar Description - CXK5B41020TM-

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK582000TM SONY-CXK582000TM Datasheet
205Kb / 11P
   262144-word X 8-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
   1024-word x 4-bit High Speed Static CMOS RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
   4096-word X 4-bit High-Speed CMOS Static RAM
logo
OKI electronic componet...
MSM5188 OKI-MSM5188 Datasheet
178Kb / 5P
   16,384-WORD x 4-BIT SPEED STATIC CMOS RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com