Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20M80C Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS20M80C
Description  Power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M80C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS20M80C Datasheet HTML 3Page - STMicroelectronics STPS20M80C Datasheet HTML 4Page - STMicroelectronics STPS20M80C Datasheet HTML 5Page - STMicroelectronics STPS20M80C Datasheet HTML 6Page - STMicroelectronics STPS20M80C Datasheet HTML 7Page - STMicroelectronics STPS20M80C Datasheet HTML 8Page - STMicroelectronics STPS20M80C Datasheet HTML 9Page - STMicroelectronics STPS20M80C Datasheet HTML 10Page - STMicroelectronics STPS20M80C Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
STPS20M80C
10/11
Doc ID 018724 Rev 1
3
Ordering information
4
Revision history
Table 9.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
STPS20M80CT
STPS20M80CT
TO-220AB
1.9 g
50
Tube
STPS20M80CFP
STPS20M80CFP
TO-220FPAB
2.0 g
50
Tube
STPS20M80CR
STPS20M80CR
I2PAK
1.49 g
50
Tube
STPS20M80CG-TR
STPS20M80CG
D2PAK
1.48 g
1000
Tape and reel
Table 10.
Revision history
Date
Revision
Changes
11-Apr-2011
1
First issue.


Similar Part No. - STPS20M80C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20M100S STMICROELECTRONICS-STPS20M100S Datasheet
148Kb / 11P
   Power Schottky rectifier
STPS20M100S STMICROELECTRONICS-STPS20M100S Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS20M100SFP STMICROELECTRONICS-STPS20M100SFP Datasheet
146Kb / 11P
   Power Schottky rectifier
STPS20M100SFP STMICROELECTRONICS-STPS20M100SFP Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
logo
Inchange Semiconductor ...
STPS20M100SG ISC-STPS20M100SG Datasheet
251Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - STPS20M80C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com