Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20H100C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20H100C
Description  100 V power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20H100C_11 Datasheet HTML 1Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 2Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 3Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 4Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 5Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 6Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 7Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 8Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS20H100C
Characteristics
Doc ID 5386 Rev 7
3/11
To evaluate the conduction losses use the following equation:
P = 0.55 x IF(AV) + 0.009 IF
2
(RMS)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage
current
Tj = 25 °C
VR = VRRM
4.5
µA
Tj = 125 °C
2
6
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
Forward voltage drop
Tj = 25 °C
IF = 8 A
0.71
V
Tj = 25 °C
IF = 10 A
0.77
Tj = 25 °C
IF = 16 A
0.81
Tj = 25 °C
IF = 20 A
0.88
Tj = 125 °C
IF = 8 A
0.56
0.58
Tj = 125 °C
IF = 10 A
0.59
0.64
Tj = 125 °C
IF = 16 A
0.65
0.68
Tj = 125 °C
IF = 20 A
0.67
0.73


Similar Part No. - STPS20H100C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100C-Y STMICROELECTRONICS-STPS20H100C-Y Datasheet
210Kb / 8P
   Automotive power Schottky rectifier
STPS20H100CF STMICROELECTRONICS-STPS20H100CF Datasheet
87Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CF STMICROELECTRONICS-STPS20H100CF Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
165Kb / 11P
   High voltage power Schottky rectifier
More results

Similar Description - STPS20H100C_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
   100 V power Schottky rectifier
July 2018 Rev 1
STPS5H100SF STMICROELECTRONICS-STPS5H100SF Datasheet
323Kb / 9P
   100 V power Schottky rectifier
July 2018 Rev 1
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
   100 V, 2 A power Schottky rectifier
October 2019
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
   5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
   100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPS5H100SFY STMICROELECTRONICS-STPS5H100SFY Datasheet
473Kb / 11P
   Automotive 100 V low Ir power Schottky rectifier
November 2018 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com