Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXK58512TM Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXK58512TM
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 1 page
background image
– 1 –
CXK58512TM/M -55LL/70LL/10LL
E94915A58-PK
65536-word
× 8-bit High Speed CMOS Static RAM
Description
The CXK58512TM/M is a high speed CMOS static
RAM organized as 65536-words by 8 bits.
A polysilicon TFT cell technology realized extremely
low stand-by current and higher data retention
stability.
Special feature are low power consumption, high
speed.
The CXK58512TM/M is a suitable RAM for portable
equipment with battery back up.
Features
• Fast access time
(Access time)
-55LL
55ns (Max.)
-70LL
70ns (Max.)
-10LL
100ns (Max.)
• Low standby current
10µA (Max.)
• Low data retention current
6µA (Max.)
• Single +5V supply: +5V ± 10%
• Low voltage data retention: 2.0V (Min.)
• Broad package line-up
CXK58512TM
8mm
× 20mm 32 pin TSOP package
CXK58512M
525mil 32 pin SOP Package
Function
65536-word
× 8 bit static RAM
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Row
Decoder
Buffer
Buffer
I/O Buffer
VCC
I/O1
I/O8
A15
A13
A8
A11
A9
A7
A6
A5
A14
A12
A4
A3
A10
A0
A2
A1
OE
WE
CE1
CE2
Buffer
I/O Gate
Column
Decoder
Memory
Matrix
1024
× 512
GND
CXK58512TM
32 pin TSOP (Plastic)
CXK58512M
32 pin SOP (Plastic)
Block Diagram
Under development
For the availability of this product, please contact the sales office.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK5T8512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8512TM-65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6286465536-word ´ 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V81000ATM131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T16100TM-65536-word x 16-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl