Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM100CVA060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM100CVA060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100CVA060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM100CVA060_09 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100CVA060_09 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100CVA060_09 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100CVA060_09 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100CVA060_09 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100CVA060_09 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100CVA060
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
CONTROL SUPPLY VOLTAGE VD(V)
EMITTER-COLLECTOR VOLTAGE VEC (V)
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
DIODE REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
COLLECTOR RECOVERY CURRENT –IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC(A)
DIODE FORWARD CHARACTERISTICS
(TYPICAL)
100
50
0
5
0
123
4
150
VD = 17V
15V
13V
Tj = 25
°C
VCIN = 0V
5
4
3
0
200
0
100
2
1
50
150
VD = 15V
VCIN = 0V
Tj = 25
°C
Tj = 125
°C
6
4
2
0
20
10
12
14
16
18
5
3
1
IC = 100A
VCIN = 0V
Tj = 25
°C
Tj = 125
°C
ton
101
57
102
23
5
7
23
5
10–1
100
2
3
5
7
2
3
5
5
7
tc(off)
tc(on)
toff
Tj = 125
°C
VCC = 300V
VD = 15V
Inductive load
100
101
2
3
5
7
102
2
3
5
7
0
0.5
1.0
1.5
2.0
2.5
VD = 15V
VCIN = 15V
Tj = 25
°C
Tj = 125
°C
101
102
23
5
7
23
5
7
7
100
101
2
3
5
7
102
2
3
5
7
10–2
10–1
2
3
5
7
100
2
3
5
7
trr
lrr
VCC = 300V
VD = 15V
Inductive load
Tj = 25
°C
Tj = 125
°C
PERFORMANCE CURVES


Similar Part No. - PM100CVA060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM100CVA060 MITSUBISHI-PM100CVA060_05 Datasheet
81Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM100CVA060_09

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com