Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS3H100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3H100
Description  Power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3H100 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3H100 Datasheet HTML 1Page - STMicroelectronics STPS3H100 Datasheet HTML 2Page - STMicroelectronics STPS3H100 Datasheet HTML 3Page - STMicroelectronics STPS3H100 Datasheet HTML 4Page - STMicroelectronics STPS3H100 Datasheet HTML 5Page - STMicroelectronics STPS3H100 Datasheet HTML 6Page - STMicroelectronics STPS3H100 Datasheet HTML 7Page - STMicroelectronics STPS3H100 Datasheet HTML 8Page - STMicroelectronics STPS3H100 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS3H100
4/9
Doc ID 16776 Rev 1
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMB)
Figure 8.
Relative variation of thermal
impedance junction to lead
versus pulse duration (SMB flat)
Z/R
th(j-a)
th(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMB
t (s)
p
Z/R
th(j-l)
th(j-l)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
SMB flat
t (s)
p
Figure 9.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 10.
Junction capacitance versus
reverse voltage applied
(typical values)
I (µA)
R
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
20
40
60
80
100
T
j=150 °C
T
j=125 °C
T
j=25 °C
T
j=100 °C
T
j=75 °C
T
j=50 °C
V (V)
R
C(pF)
10
100
1
10
100
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
V (V)
R


Similar Part No. - STPS3H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100 STMICROELECTRONICS-STPS3H100 Datasheet
111Kb / 9P
   Power Schottky rectifier
STPS3H100AF STMICROELECTRONICS-STPS3H100AF Datasheet
300Kb / 8P
   High voltage power Schottky rectifier
July 2016 Rev 1
STPS3H100UF STMICROELECTRONICS-STPS3H100UF Datasheet
111Kb / 9P
   Power Schottky rectifier
STPS3H100UFN STMICROELECTRONICS-STPS3H100UFN Datasheet
204Kb / 9P
   100 V, 3 A Schottky rectifier
Rev 1 - January 2020
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
   Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
More results

Similar Description - STPS3H100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com