Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXK581000ATM Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXK581000ATM
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 4 page
background image
– 4 –
CXK581000ATM/AYM/AM/AP
I/O Capacitance
(Ta = 25°C, f = 1MHz)
Input capacitance
I/O capacitance
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
CIN
CI/O
VIN = 0V
VI/O = 0V
7
8
pF
Note) This parameter is sampled and is not 100% tested.
Input pulse high level
Input pulse low level
input rise time
input fall time
Input and output reference level
-55LL/55SL
Output load conditions
-70LL/70SL
-10LL/10SL
VIH = 2.2V
VIL = 0.8V
tr = 5ns
tf = 5ns
1.5V
CL∗ = 30pF, 1TTL
CL∗ = 100pF, 1TTL
Item
Conditions
AC Characteristics
• AC test conditions
(VCC = 5V±10%, Ta = 0 to +70°C)
∗ C
L
includes scope and jig capacitances.
TTL
CL
• Test circuit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V81000ATM131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5V8512TM-65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5B81020J131072-word ´ 8-bit High Speed Bi-CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl