Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXK581000ATM Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXK581000ATM
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 2 page
background image
– 2 –
CXK581000ATM/AYM/AM/AP
Pin Configuration (Top View)
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
A4
A5
A6
A7
A12
A14
A16
NC
VCC
A15
CE2
WE
A13
A8
A9
A11
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
I/O8
CE1
A10
OE
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
A3
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CXK581000AYM
(Mirror Image Pinout)
CXK581000ATM
(Standard Pinout)
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Pin Description
A0 to A16
I/O1 to I/O8
CE1, CE2
WE
OE
Vcc
GND
NC
Address input
Data input output
Chip enable 1, 2 input
Write enable input
Output enable input
Power supply
Ground
No connection
Symbol
Description
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
Item
Symbol
Rating
Unit
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +7.0
–0.5∗ to VCC +0.5
–0.5∗ to VCC +0.5
1.0
0.7
0 to +70
–55 to +150
260 • 10
235 • 10
V
W
°C
°C • s
CXK581000AP
CXK581000ATM/AYM/AM
∗ V
IN
,VI/O = –3.0V Min. for pulse width less than 50ns.
CE1
CE2
OE
WE
Mode
I/O pin
VCC Current
H
×
L
L
L
×
L
H
H
H
×
×
H
L
×
×
×
H
H
L
Not selected
Not selected
Output disable
Read
Write
High Z
High Z
High Z
Data out
Data in
Truth Table
×: "H" or "L"
DC Recommended Operating Conditions
(Ta = 0 to +70°C, GND = 0V)
Supply voltage
Input high voltage
Input low voltage
VCC
VIH
VIL
4.5
2.2
–0.3∗
5.0
5.5
VCC +0.3
0.8
V
Item
Symbol
Min.
Typ.
Max.
Unit
∗ V
IL
= –3.0V Min. for pulse width less than 50ns.
CXK581000AM
CXK581000AP
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CXK581000AP
CXK581000ATM/AYM/AM
ISB1, ISB2
ISB1, ISB2
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3
ICC1, ICC2, ICC3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK5T81000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5T81000ATN131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V81000ATM131072-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5V8257BTM32768-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5V8512TM-65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM6264LP-708192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5B81020J131072-word ´ 8-bit High Speed Bi-CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl