Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3619D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3619D
Description  402 to 405 MHz Medical Band Front-end Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3619D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3619D Datasheet HTML 1Page - RF Monolithics, Inc RF3619D Datasheet HTML 2Page - RF Monolithics, Inc RF3619D Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 3
© 2011-2012 by RF Monolithics, Inc.
RF3619D - 5/10/12
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25 °C
fc
1, 2, 3
404.0
MHz
Insertion Loss
ILMIN
1, 3
2.1
2.3
dB
Passband Ripple, 402-405 MHz
1, 3
0.6
0.8
dB
3 dB Bandwidth
BW3
15.0
6.0
MHz
Attenuation relative to ILMIN:
1, 3
dB
398.5 MHz
30
35
408.5 MHz
25
45
383.5 MHz
40
50
423.5 MHz
38
48
Freq. Temp. Coefficient
FTC
-37
ppm/k
Frequency Aging, First Year
|fA|
5
10
ppm
Single-ended Input/Output Impedance Match
1
50
ohms
Differential Input/Output Impedance Match
1
150
ohms
Lid Symbolization (Y=year WW=week S=shift)
A15, YWWS
Standard Reel Quantity
Reel Size 7 Inch
9
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
• 402 to 405 MHz Medical Band Front-end Filter
• Single-ended Input/Outout Operation
• Complies with Directive 2002/95/EC (RoHS)
Rating
Value
Units
Input Power Level
+10
dBm
DC Voltage on any Non-ground Pin
3
V
Operating Temperature Range
-10 to +60
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Solder Reflow Temperature, 10 seconds, 5 cycles maximum
260
°C
404.0 MHz
SAW Filter
RF3619D
SM3838-8 Case
3.8 x 3.8
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
 test system.
2.
The frequency fc is defined as the midpoint between the 3 dB frequencies.
3.
Where noted specifications apply over the entire specified operating temperature range of -10 °C to +60 °C.
4.
Frequency aging is the change in fc with time and is specified at +65 °C or less. Aging may exceed the specification for prolonged temperatures
above +65 °C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
5.
The design, manufacturing process, and specifications of this device are subject to change.
6.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
7.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
8.
Tape and Reel Standard Per ANSI / EIA 481.
9.
This product complies with Directive 2002/95/EC of the European Parlament and of the Council of 27 January 2003 on the restriction of the use of
certain hazadous substances in electrical and electronic equipment.
Pb
Absolute Maximum Ratings


Similar Part No. - RF3619D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3619D MURATA-RF3619D Datasheet
355Kb / 3P
   404.0 MHz SAW Filter
More results

Similar Description - RF3619D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0980A TAI-SAW-TA0980A Datasheet
371Kb / 6P
   SAW Filter 402 MHz
TA0875A TAI-SAW-TA0875A Datasheet
304Kb / 5P
   SAW Filter 402 MHz
logo
Taoglas antenna solutio...
AGGBP.25B.07.0060A TAOGLAS-AGGBP.25B.07.0060A Datasheet
1Mb / 13P
   Front-end SAW filter to reduce out of band noise
AGGBP.25A.07.0060A TAOGLAS-AGGBP.25A.07.0060A Datasheet
1Mb / 13P
   Front-end SAW filter to reduce out of band noise
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
MTRONPTI
2133 MTRONPTI-2133 Datasheet
332Kb / 1P
   Front-End Filters: 10.0MHz to 220 MHz
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
   Dual-band RF front-end
1999 Mar 02
logo
Skyworks Solutions Inc.
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
logo
RF Micro Devices
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com