Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT500GK12T Datasheet(PDF) 5 Page - Sirectifier Global Corp.

Part # STT500GK12T
Description  Thyristor-Thyristor Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

STT500GK12T Datasheet(HTML) 5 Page - Sirectifier Global Corp.

  STT500GK12T Datasheet HTML 1Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 2Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 3Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 4Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 5Page - Sirectifier Global Corp. STT500GK12T Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STT500GKXX%T
Thyristor-Thyristor Modules
0
20
40
60
80
100
120
Maximum Allowable Ambient Temperature °C)
0.1
6
K
/ W
0.2
K/W
0.3
K/ W
0.4 K
/ W
0.6 K/W
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
0
100 200 300 400 500 600 700 800
180°
120°
90°
60°
30°
Total RMS Output Current (A)
Conduction Angle
STT500.. Series
Per Module
T = 130°C
J
(
Fig. 9 - On-state Power Loss Characteristics
Fig. 10 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
Maximum Allowable Ambient Temperature (°C)
0.0
2
K/
W
0.0
3
K/W
0.05
K/ W
0.08
K/ W
0.12 K
/ W
0.2 K/W
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x STT500.. Series
Single Phase Bridge
Connected
T
= 130°C
J
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Maximum Allowable Ambient Temperature °C
Maximum Allowable Ambient Temperature °C
W
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
100 200 300 400 500 600 700 800
0
20
40
60
80
100
120
Total RMS Output Current (A)
Fig. 9 - On-state Power Loss Characteristics
Fig. 9 - On-state Power Loss Characteristics
180°
(Sine)
180°
(Rect)
2 x STT500.. Series
Single Phase Bridge
P5
2009 Sirectifier Electronics Technology Corp.
www.sirectifier.com


Similar Part No. - STT500GK12T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STT500GK12 ETC2-STT500GK12 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT500GK12 SIRECTIFIER-STT500GK12 Datasheet
182Kb / 4P
   Thyristor-Thyristor Modules
More results

Similar Description - STT500GK12T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
Sirectifier Semiconduct...
STT200GKXXB SIRECTIFIER-STT200GKXXB Datasheet
339Kb / 4P
   Thyristor-Thyristor Modules
logo
America Semiconductor, ...
AMS-IRKT250 AMERICASEMI-AMS-IRKT250 Datasheet
1Mb / 2P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320GKXXBT SIRECTIFIER-STT320GKXXBT Datasheet
305Kb / 4P
   Thyristor-Thyristor Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:70TT.XXI AEGIS-A3L:70TT.XXI Datasheet
376Kb / 4P
   Thyristor-Thyristor Modules
A3L:130TT.XXH AEGIS-A3L:130TT.XXH Datasheet
344Kb / 4P
   Thyristor-Thyristor Modules
A3L:210TT.XXH AEGIS-A3L:210TT.XXH Datasheet
368Kb / 4P
   Thyristor-Thyristor Modules
logo
Sirectifier Semiconduct...
STT320 SIRECTIFIER-STT320 Datasheet
340Kb / 4P
   Thyristor-Thyristor Modules
STT200 SIRECTIFIER-STT200 Datasheet
329Kb / 4P
   Thyristor-Thyristor Modules
STT181 SIRECTIFIER-STT181 Datasheet
492Kb / 4P
   Thyristor-Thyristor Modules
STT116 SIRECTIFIER-STT116 Datasheet
586Kb / 4P
   Thyristor-Thyristor Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com