Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1122EN Datasheet(PDF) 1 Page - Sony Corporation

Part # CXG1122EN
Description  SP5T GSM Triple-Band/GPRS Antenna Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1122EN Datasheet(HTML) 1 Page - Sony Corporation

  CXG1122EN Datasheet HTML 1Page - Sony Corporation CXG1122EN Datasheet HTML 2Page - Sony Corporation CXG1122EN Datasheet HTML 3Page - Sony Corporation CXG1122EN Datasheet HTML 4Page - Sony Corporation CXG1122EN Datasheet HTML 5Page - Sony Corporation CXG1122EN Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
– 1 –
E01Z20-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXG1122EN
16 pin VSON (Plastic)
SP5T GSM Triple-Band/GPRS Antenna Switch
Description
The CXG1122EN is one of a range of low insertion
loss, high power MMIC antenna switches for GSM/
GPRS triple-band, dual-band (CXG1121TN) and
applications. The low insertion loss on transmit
means increased talk time as the Tx power amplifier
can be operated at a lower output level. On-chip logic
reduces the component count and simplifies the PCB
layout by allowing the direct connection of the switch
to digital baseband control lines with the CMOS logic
levels.
This switch is an SP5T, one antenna can be routed
to either of the 2 Tx or 3 Rx ports. It requires 3 CMOS
control lines (CTL1, CTL2 and Tx ON).
The Sony's GaAs JFET process is used for low
insertion loss. An evaluation PCB is available.
Features
• Insertion loss: (Tx) 0.5dB typ. at 34dBm (GSM900)
• 3 CMOS compatible control lines
• Low second harmonic: –40dBm typ. at 34dBm (GSM900)
• Small package size: 16-pin VSON (2.7mm
× 3.5mm × 0.9mm)
Applications
Triple-band handsets using the combinations of followings:
• GSM900/DCS1800/PCS1900
• GPRS
• DECT
Structure
GaAs J-FET MMIC
Absolute Maximum Ratings (Ta = 25°C)
• Bias voltage
VDD
7V
• Control voltage
VCTL
5V
• Operating temperature
Topr
–20 to +80
°C
GaAs MMICs are ESD sensitive devices. Special handling precautions are required.


Similar Part No. - CXG1122EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1125ER SONY-CXG1125ER Datasheet
83Kb / 9P
   High Power 6 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Full Packet
CXG1127ER SONY-CXG1127ER Datasheet
70Kb / 7P
   High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone
More results

Similar Description - CXG1122EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
logo
Tyco Electronics
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
   2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
logo
Infineon Technologies A...
BGS15AN16 INFINEON-BGS15AN16 Datasheet
1Mb / 16P
   SP5T Antenna Switch
Revision 2.1, 2013-01-21
logo
Sony Corporation
CXG1235XR SONY-CXG1235XR Datasheet
176Kb / 7P
   SP5T Antenna Switch
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
   Quad-band GSM/GPRS Module
logo
Skyworks Solutions Inc.
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
logo
Freescale Semiconductor...
MMM6025 FREESCALE-MMM6025 Datasheet
516Kb / 16P
   Quad-Band GSM/GPRS Power Amplifier Front-End Module with PA and Antenna Switch
logo
Skyworks Solutions Inc.
SKY77558 SKYWORKS-SKY77558 Datasheet
613Kb / 2P
   Tx-Rx FEM fot Quad-Band GSM/GPRS/EDGE 6-Band Antenna Support
logo
Sony Corporation
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
   SP4T Antenna Switch for GSM Dual band
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com