Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1117K Datasheet(PDF) 2 Page - Sony Corporation

Part # CXG1117K
Description  Power Amplifier Module for JCDMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1117K Datasheet(HTML) 2 Page - Sony Corporation

  CXG1117K Datasheet HTML 1Page - Sony Corporation CXG1117K Datasheet HTML 2Page - Sony Corporation CXG1117K Datasheet HTML 3Page - Sony Corporation CXG1117K Datasheet HTML 4Page - Sony Corporation CXG1117K Datasheet HTML 5Page - Sony Corporation CXG1117K Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
– 2 –
CXG1117K
package Outline/Pin Configuration
Front
Back
6
VGG
1
PIN
2
VDD1
3
VDD2
7
GND
8
GND
5
GND
4
POUT
1
PIN
6
VGG
5
GND
4
POUT
7
GND
8
GND
9
GND
2
VDD1
3
VDD2


Similar Part No. - CXG1117K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1111EN SONY-CXG1111EN Datasheet
92Kb / 6P
   800MHz Band Receive Mixer
logo
List of Unclassifed Man...
CXG1115ER ETC-CXG1115ER Datasheet
78Kb / 2P
   Wideband Multifunction Reception System GaAs MMIC Completely Covers GPS and CDMA
More results

Similar Description - CXG1117K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1156K SONY-CXG1156K Datasheet
84Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1158K SONY-CXG1158K Datasheet
28Kb / 1P
   Power Amplifier Module for JCDMA
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7822 AVAGO-ACPM-7822 Datasheet
1Mb / 13P
   JCDMA 4x4 Power Amplifier Module (898-925MHz)
logo
List of Unclassifed Man...
RM805 ETC-RM805 Datasheet
226Kb / 10P
   POWER AMPLIFIER MODULE FOR BROADBAND
logo
Skyworks Solutions Inc.
SKY77192-14 SKYWORKS-SKY77192-14 Datasheet
82Kb / 2P
   Power Amplifier Module for CDMA2000
logo
API Technologies Corp
CMF211 APITECH-CMF211 Datasheet
108Kb / 1P
   JCDMA Receive Filter
logo
Toshiba Semiconductor
S-AV38 TOSHIBA-S-AV38 Datasheet
216Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV34 TOSHIBA-S-AV34 Datasheet
151Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com