Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1092N Datasheet(PDF) 1 Page - Sony Corporation

Part # CXG1092N
Description  SP5T GSM Triple-Band Antenna Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1092N Datasheet(HTML) 1 Page - Sony Corporation

  CXG1092N Datasheet HTML 1Page - Sony Corporation CXG1092N Datasheet HTML 2Page - Sony Corporation CXG1092N Datasheet HTML 3Page - Sony Corporation CXG1092N Datasheet HTML 4Page - Sony Corporation CXG1092N Datasheet HTML 5Page - Sony Corporation CXG1092N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP5T GSM Triple-Band Antenna Switch
Description
The CXG1092N is a high power antenna MMIC
switch for use in triple-band GSM handsets.
One antenna can be routed to either of the 2 Tx or
3 Rx ports.
Features
• 4 CMOS compatible control lines
• Standby control
• 34.5dBm power handling at 5.0V (GSM900)
• Low second harmonic < –36dBm at 34.5dBm
• Small package size: 20-pin SSOP (6.4
× 5.0 × 1.25mm)
Applications
Triple-band handsets using combinations of GSM900/DCS1800/PCS1900 and DECT
Structure
GaAs J-FET MMIC (The Sony JFET process is used for low insertion loss.)
– 1 –
E99Z07-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXG1092N
20 pin SSOP (Plastic)
Note on Handling
GaAs MMICs are ESD sensitive devices. Special handling precautions are required.
Absolute Maximum Ratings (Ta = 25°C)
• Bias voltage
VDD
7V
• Control voltage
Vctl
5
V
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150 °C
For the availability of this product, please contact the sales office.


Similar Part No. - CXG1092N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
   SP4T GSM Dualband Antenna Switch 5V Logic
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1097EN SONY-CXG1097EN Datasheet
111Kb / 7P
   Low Noise Amplifier with Bypass Switch/Mixer
More results

Similar Description - CXG1092N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1122EN SONY-CXG1122EN Datasheet
54Kb / 6P
   SP5T GSM Triple-Band/GPRS Antenna Switch
logo
Tyco Electronics
SW-444 MACOM-SW-444 Datasheet
51Kb / 5P
   2V Control Triple-Band GSM/DCS/PCS SP5T Switch 0.5 . 2.0 GHz
logo
Infineon Technologies A...
BGS15AN16 INFINEON-BGS15AN16 Datasheet
1Mb / 16P
   SP5T Antenna Switch
Revision 2.1, 2013-01-21
logo
Sony Corporation
CXG1235XR SONY-CXG1235XR Datasheet
176Kb / 7P
   SP5T Antenna Switch
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
   SP4T Antenna Switch for GSM Dual band
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
   SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
   SP6T GaAs Multi-Band GSM Antenna Switch
FMS2028 FILTRONIC-FMS2028 Datasheet
308Kb / 5P
   SP6T GaAs Multi-Band GSM Antenna Switch
logo
Sony Corporation
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
   SP4T Antenna Switch for GSM Dual band
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
   SP4T GaAs Multi-Band GSM Antenna Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com