Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHPM7A15S120DC3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MHPM7A15S120DC3
Description  Hybrid Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHPM7A15S120DC3 Datasheet(HTML) 3 Page - Motorola, Inc

  MHPM7A15S120DC3 Datasheet HTML 1Page - Motorola, Inc MHPM7A15S120DC3 Datasheet HTML 2Page - Motorola, Inc MHPM7A15S120DC3 Datasheet HTML 3Page - Motorola, Inc MHPM7A15S120DC3 Datasheet HTML 4Page - Motorola, Inc MHPM7A15S120DC3 Datasheet HTML 5Page - Motorola, Inc MHPM7A15S120DC3 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MHPM7A15S120DC3
3
Motorola IGBT Device Data
TYPICAL CHARACTERISTICS
Figure 1. Forward Characteristics —
Input Rectifier
Figure 2. Forward Characteristics —
Free–Wheeling Diode
Figure 3. Forward Characteristics, TJ = 25°C
Figure 4. Forward Characteristics, TJ = 125°C
Figure 5. Recommended Gate Drive Circuit
MBRS130T3
MBRS130T3
MBRS130T3
+15 V
MC33153
160
W
RG(on)
20
W
RG(off)
VF, FORWARD VOLTAGE (VOLTS)
1.4
0
30
0
0.4
0.6
3.0
6.0
9.0
0.2
1.0
12
15
0.8
18
21
24
27
1.2
TJ = 25°C
5.0
0
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
30
0
3.0
2.0
4.0
VGE = 18 V
15 V
10
5.0
15
1.0
12 V
20
25
0
VF, FORWARD VOLTAGE (VOLTS)
30
0
0.5
1.0
1.5
2.0
3.0
5.0
10
15
20
25
2.5
VCE, COLLECTOR–TO–EMITTER VOLTAGE (VOLTS)
5.0
0
30
0
3.0
0.5
2.0
3.5
VGE = 18 V
15 V
5.0
10
1.0
1.5
2.5
12 V
15
20
25
4.0
4.5
TJ = 125°C
25
°C
TJ = 125°C
TJ = 25°C


Similar Part No. - MHPM7A15S120DC3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM7A15A60A MOTOROLA-MHPM7A15A60A Datasheet
183Kb / 10P
   Hybrid Power Module
More results

Similar Description - MHPM7A15S120DC3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHPM6B15E60D3 MOTOROLA-MHPM6B15E60D3 Datasheet
129Kb / 5P
   Hybrid Power Module
MHPM6B5A120D MOTOROLA-MHPM6B5A120D Datasheet
174Kb / 10P
   Hybrid Power Module
MHPM7A15A60A MOTOROLA-MHPM7A15A60A Datasheet
183Kb / 10P
   Hybrid Power Module
MHPM7A25S120DC3 MOTOROLA-MHPM7A25S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7A30E60DC3 MOTOROLA-MHPM7A30E60DC3 Datasheet
167Kb / 6P
   Hybrid Power Module
MHPM7A5S120DC3 MOTOROLA-MHPM7A5S120DC3 Datasheet
165Kb / 6P
   Hybrid Power Module
MHPM7B16A120B MOTOROLA-MHPM7B16A120B Datasheet
268Kb / 10P
   Hybrid Power Module
MHPM7B30A60B MOTOROLA-MHPM7B30A60B Datasheet
258Kb / 10P
   Hybrid Power Module
MHPM6B10N120 MOTOROLA-MHPM6B10N120 Datasheet
265Kb / 10P
   Hybrid Power Module
MHPM6B20E60D3 MOTOROLA-MHPM6B20E60D3 Datasheet
124Kb / 5P
   Hybrid Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com