Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXG1091TN Datasheet(PDF) 1 Page - Sony Corporation

Part # CXG1091TN
Description  SP4T GSM Dualband Antenna Switch 5V Logic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1091TN Datasheet(HTML) 1 Page - Sony Corporation

  CXG1091TN Datasheet HTML 1Page - Sony Corporation CXG1091TN Datasheet HTML 2Page - Sony Corporation CXG1091TN Datasheet HTML 3Page - Sony Corporation CXG1091TN Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SP4T GSM Dualband Antenna Switch 5V + Logic
Description
The SP4T + logic is a high power antenna switch
MMIC for use in dualband GSM handsets.
One Antenna can be routed to either of the 2 Tx or
2 Rx ports. It operates from 3 CMOS control lines (Tx
ON/OFF and GSM900/1800 and Standby).
The Sony's J-FET process is used for low insertion
loss.
Features
• 3 CMOS compatible control lines
• 34dBm power handling at 5.0V (GSM900)
• Low second harmonic < – 30dBm at 34dBm
• Small package size: 16-pin TSSOP (3.9
× 4.1mm)
Applications
Dualband handsets using combinations of GSM900/GSM1800/GSM1900 and DECT
Structure
GaAs J-FET MMIC
Truth Table
– 1 –
E99758A9Y-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXG1091TN
16 pin TSSOP (Plastic)
Absolute Maximum Ratings (Ta = 25°C)
• Bias voltage
VDD
7V
• Control voltage
Vctl
5
V
• Operating temperature Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
GaAs MMICs are ESD sensitive devices. Special handling precautions are required.
On Pass
Ant.-Tx1 GSM900
Ant.-Tx2 GSM1800
Ant.-Rx1 GSM900/1800
Ant.-Rx2 GSM900/1800
OFF
Band select
H
L
L
H
Tx (H)/Rx (L)
H
H
L
L
Standby
H
H
H
H
L
For the availability of this product, please contact the sales office.


Similar Part No. - CXG1091TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1092 SONY-CXG1092 Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results

Similar Description - CXG1091TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
   SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
   SP4T Antenna Switch for GSM
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
   SP4T Antenna Switch for GSM Dual band
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
   SP4T Antenna Switch for GSM Dual band
logo
TriQuint Semiconductor
TQP4M4004 TRIQUINT-TQP4M4004 Datasheet
220Kb / 7P
   SP4T High Power 2.5V GSM Antenna Switch
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
   SP4T GaAs Multi-Band GSM Antenna Switch
logo
TriQuint Semiconductor
TQP4M4010 TRIQUINT-TQP4M4010 Datasheet
404Kb / 11P
   SP4T High Power GSM-EDGE Antenna Switch With Decoder
logo
Sony Corporation
CXG1234XR SONY-CXG1234XR Datasheet
175Kb / 7P
   SP4T Antenna Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com