Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1929-D Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # ENA1929-D
Description  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1929-D Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button ENA1929-D Datasheet HTML 4Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 5Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 6Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 7Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 8Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 9Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 10Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 11Page - Sanyo Semicon Device ENA1929-D Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
STK681-352-E
No.A1929-8/14
I/O Functions of Each Pin
Pin Name
Pin No.
Function
IN1
16
Input pin for turning F2 and F4 ON and OFF
At low level F2: ON and F4: OFF; at high level, F2: OFF and F4: ON
IN2
17
Input pin for turning F1 and F3 ON and OFF
At low level F1: ON and F3: OFF; at high level, F1: OFF and F3: ON
ENABLE
18
Pin for turning F3 and F4 ON; At high level F3 and F4: ON
ENABLE must be set Low when VDD is rising and falling.
ENABLE must be set High to drive the motor.
FAULT
13
Monitor pin used when either of the output short-circuit detector, overcurrent detector, or overheat detector is
activated. When the detector is activated, this pin is set low and all of F1, F2, F3 and F4 in the final stage are
latched off.
OUT1
8, 10
This pin connects to the motor and outputs source/sync current depending on conditions at IN1 and IN2.
OUT2
4, 6
This pin connects to the motor and outputs source/sync current depending on conditions at IN1 and IN2.
Vref
19
This pin limits the peak current when motor startup.
The current setting voltage, Vref, is set to the value of 4.9 times the voltage drop of the external current detection
resistor.
The internal overcurrent detection level is 0.48V, so setting Vref
< 2.0V is recommended.
GND
1, 2, 3
Power system ground
S.GND
14
Control system ground
VCC
7, 9
Motor system supply voltage


Similar Part No. - ENA1929-D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1929A SANYO-ENA1929A Datasheet
119Kb / 14P
   Forward/Reverse Motor Driver
More results

Similar Description - ENA1929-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com