Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100A0R8BW150XT Datasheet(PDF) 1 Page - RF Micro Devices

Part # 100A0R8BW150XT
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

100A0R8BW150XT Datasheet(HTML) 1 Page - RF Micro Devices

  100A0R8BW150XT Datasheet HTML 1Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 2Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 3Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 4Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 5Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 6Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 7Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 8Page - RF Micro Devices 100A0R8BW150XT Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
RF IN
Pin 2,3
RF OUT / VDS
Pin 6,7
GND
BASE
VGS
Pin 1
RFHA1003
30MHz TO 512MHz, 9W GaN WIDEBAND
POWER AMPLIFIER
The RFHA1003 is a wideband Power Amplifier designed for CW and pulsed applica-
tions such as wireless infrastructure, RADAR, two way radios and general purpose
amplification. Using an advanced high power density Gallium Nitride (GaN) semi-
conductor process, these high-performance amplifiers achieve high efficiency, flat
gain, and large instantaneous bandwidth in a single amplifier design. The
RFHA1003 is an input matched GaN transistor packaged in an air cavity ceramic
package which provides excellent thermal stability through the use of advanced
heat sink and power dissipation technologies. Ease of integration is accomplished
through the incorporation of optimized input matching network within the package
that provides wideband gain and power performance in a single amplifier. An exter-
nal output match offers the flexibility of further optimizing power and efficiency for
any sub-band within the overall bandwidth.
Features
Advanced GaN HEMT Technology
Output Power of 9W
Advanced Heat-Sink Technology
30MHz to 512MHz
Instantaneous Bandwidth
Input Internally Matched to 50
28V Operation Typical
Performance
Output Power 39.5dBm
Gain 19dB
Power Added Efficiency 70%
-40°C to 85°C Operating
Temperature
Large Signal Models Available
Applications
Pre-Driver for Multiband Wireless
Infrastructure Transmitters
Class AB Operation for Public
Mobile Radio
Power Amplifier Stage for
Commercial Wireless
Infrastructure
General Purpose Tx Amplification
Test Instrumentation
Civilian and Military Radar
DS120216
Package: AlN Leadless Chip Carrier / SO8
RFHA1003
30MHz to
512MHz, 9W
GaN Wide-
band Power
Amplifier
RFHA1003S2
2-Piece sample bag
RFHA1003SB
5-Piece bag
RFHA1003SQ
25-Piece bag
RFHA1003SR
100 Pieces on 7” short reel
RFHA1003TR7
750 Pieces on 7” reel
RFHA1003PCBA-410
Fully assembled evaluation board 30MHz to 512MHz;
28V operation


Similar Part No. - 100A0R8BW150XT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
100A E-SWITCH-100A Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
Freescale Semiconductor...
100A100JP500X FREESCALE-100A100JP500X Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
AVX Corporation
100A101FCA200XT AVX-100A101FCA200XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
100A101GCA200XT AVX-100A101GCA200XT Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
More results

Similar Description - 100A0R8BW150XT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3826 RFMD-RF3826 Datasheet
1Mb / 15P
   30MHz TO 2500MHz, 9W GaN WIDEBAND
RFHA1006 RFMD-RFHA1006 Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MATR-GSHC03-160150 MA-COM-MATR-GSHC03-160150 Datasheet
1Mb / 11P
   GaN Wideband Transistor Die
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com