Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R71H103KA01D Datasheet(PDF) 10 Page - RF Micro Devices

Part # GRM188R71H103KA01D
Description  225MHz TO 1215MHz, 9W GaN WIDEBAND
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

GRM188R71H103KA01D Datasheet(HTML) 10 Page - RF Micro Devices

Back Button GRM188R71H103KA01D Datasheet HTML 3Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 4Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 5Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 6Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 7Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 8Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 9Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 10Page - RF Micro Devices GRM188R71H103KA01D Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
RFHA1006
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Layout
Device Impedances
Frequency (MHz)
RFHA1006PCBA-410 (225MHz to 1215MHz)
Z Source (
)
Z Load (
)
225MHz
40.4 + j3.4
40.6 + j14.1
300MHz
41.5 + j4.6
42.8 + j9.3
400MHz
42.8 + j5.5
42.7 + j5.8
950MHz
50.8 + j1.4
24.5 + j11.9
1100MHz
50.1 - j1.4
21.1 + j21.0
1215MHz
49 - j 2.8
19.8 + j27.6
Note: Device impedances reported are the measured evaluation board impedances chosen for a tradeoff of efficiency and peak power
performance across the entire frequency bandwidth.


Similar Part No. - GRM188R71H103KA01D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
GRM188R71H103KA01D RFMD-GRM188R71H103KA01D Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
GRM188R71H103KA01D RFMD-GRM188R71H103KA01D Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
logo
Texas Instruments
GRM188R71H103KA01D TI1-GRM188R71H103KA01D Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
International Rectifier
GRM188R71H103KA01D IRF-GRM188R71H103KA01D Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM188R71H103KA01D IRF-GRM188R71H103KA01D Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - GRM188R71H103KA01D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
RF3826 RFMD-RF3826 Datasheet
1Mb / 15P
   30MHz TO 2500MHz, 9W GaN WIDEBAND
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MATR-GSHC03-160150 MA-COM-MATR-GSHC03-160150 Datasheet
1Mb / 11P
   GaN Wideband Transistor Die
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com