Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF4941CL Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGF4941CL
Description  Micro-X type plastic package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF4941CL Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGF4941CL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF4941CL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF4941CL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF4941CL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF4941CL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF4941CL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF4941CL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF4941CL Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
<Low Noise GaAs HEMT>
MGF4941CL
Micro-X type plastic package
Publication Date : Jul., 2012
2
3.2±0.1
2.6±0.1
(0.30)
(0.30)
0.5±0.1
2.2±0.1
1.7±0.1
(2.3)
Fig.1
Unit : mm
① Gate
② Source
③ Drain
Top
Side
Bottom
E
rAA
(GD-32)


Similar Part No. - MGF4941CL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
   SUPER LOW NOISE InGaAs HEMT
MGF4941AL MITSUBISHI-MGF4941AL_11 Datasheet
191Kb / 7P
   Micro-X type plastic package
More results

Similar Description - MGF4941CL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF4941AL MITSUBISHI-MGF4941AL_11 Datasheet
191Kb / 7P
   Micro-X type plastic package
MGF1941AL MITSUBISHI-MGF1941AL Datasheet
131Kb / 6P
   Micro-X type plastic package
logo
OKI electronic componet...
KGF1283 OKI-KGF1283 Datasheet
96Kb / 7P
   Power FET (Plastic Package Type)
KGF1633 OKI-KGF1633 Datasheet
73Kb / 6P
   Power FET (Plastic Package Type)
KGF1637 OKI-KGF1637 Datasheet
77Kb / 6P
   Power FET (Plastic Package Type)
KGF1284 OKI-KGF1284 Datasheet
82Kb / 7P
   Power FET (Plastic Package Type)
KGF1313 OKI-KGF1313 Datasheet
94Kb / 7P
   Power FET (Plastic Package Type)
KGF1323 OKI-KGF1323 Datasheet
83Kb / 7P
   Power FET(Plastic Package Type)
KGF1323F OKI-KGF1323F Datasheet
67Kb / 6P
   Power FET (Plastic Package Type)
logo
Transko Electronics, In...
TS-SMD TRANSKO-TS-SMD Datasheet
256Kb / 1P
   MOLDED SMD PLASTIC PACKAGE CRYSTAL (12.5 x 4.6 x 3.7mm)
Rev.4: 07-19-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com