Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84142C1000S081 Datasheet(PDF) 9 Page - EPCOS

Part # B84142C1000S081
Description  2?뭠ine filters for converters and power electronics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142C1000S081 Datasheet(HTML) 9 Page - EPCOS

Back Button B84142C1000S081 Datasheet HTML 2Page - EPCOS B84142C1000S081 Datasheet HTML 3Page - EPCOS B84142C1000S081 Datasheet HTML 4Page - EPCOS B84142C1000S081 Datasheet HTML 5Page - EPCOS B84142C1000S081 Datasheet HTML 6Page - EPCOS B84142C1000S081 Datasheet HTML 7Page - EPCOS B84142C1000S081 Datasheet HTML 8Page - EPCOS B84142C1000S081 Datasheet HTML 9Page - EPCOS B84142C1000S081 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2−line filters
B84142C*S081
for converters and power electronics
Caution and warnings
S Please note the advices in our data book “EMC Filters” (latest edition); attention should
be paid to the chapter “General safety notes”.
S It shall be ensured that only qualified persons (electricity specialists) are engaged on work
such as planning, assembly, installation, operation, repair and maintenance. They must
be provided with the corresponding documentation.
S Danger of electric shock. EMC filters contain components that store an electric charge.
Dangerous voltages can continue to exist at the filter terminals for longer than five min-
utes even after the power has been switched off.
S The protective earth connections shall be the first to be made when the EMC filter is
installed and the last to be disconnected. Depending on the magnitude of the leakage cur-
rents, the particular specifications for making the protective−earth connection must be ob-
served.
S Impermissible overloading of the EMC filter, such as with circuits able to cause reso-
nances, impermissible voltages at higher frequencies etc. can lead to bodily injury and
death as well as cause substantial material damages (e.g. destruction of the filter hous-
ing).
S EMC filters must be protected in the application against impermissible exceeding of the
rated currents by overcurrent protective.
S In case of leakage currents > 3.5 mA you shall mount the PE conductor stationary with
the required cross section before beginning of operation and save it against disconnect-
ing. For leakage currents IL 4) < 10 mA the PE conductor must have a KU value 3) of 4.5;
for leakage currents IL q 10 mA the PE conductor must have a KU value of 6.
3) The KU value (symbol KU) is a classification parameter of safety−referred failure types designed to ensure protection against hazardous
body currents and excessive heating.
A value of KU = 4.5 with respect to interruptions is attained:
− with a permanently connected protective earth circuit w 1.5 mm2
− with a protective earth circuit w 2.5 mm2 connected via shroud connectors (IEC 60309−2).
KU = 6 with respect to interruptions is achieved for fixed−connection lines w 10 mm2 where the type of connection and line layout corre-
spond to the requirements for PEN conductors as specified in relevant standards.
4) IL = leakage current let−go
Please read and Cautions and warnings and
Important notes at the end of this document.
Page 9 of 10
B84142−A180__A1600−S81−51−7659
preliminary data


Similar Part No. - B84142C1000S081

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84142-A1000-S18 EPCOS-B84142-A1000-S18 Datasheet
172Kb / 7P
   72-Line Filters for Converters in Traction Systems
B84142-A1000-S2 EPCOS-B84142-A1000-S2 Datasheet
172Kb / 7P
   72-Line Filters for Converters in Traction Systems
B84142-A1000-S3 EPCOS-B84142-A1000-S3 Datasheet
172Kb / 7P
   72-Line Filters for Converters in Traction Systems
B84142-A20-R EPCOS-B84142-A20-R Datasheet
220Kb / 7P
   Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
More results

Similar Description - B84142C1000S081

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-B150-S20 EPCOS-B84143-B150-S20 Datasheet
220Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143A0025R021 EPCOS-B84143A0025R021 Datasheet
269Kb / 12P
   3-line filters for converters and power electronics
B84144 EPCOS-B84144 Datasheet
261Kb / 13P
   4-Line Filters for Converters and Power Electronics
B84143-G-R110 EPCOS-B84143-G-R110 Datasheet
236Kb / 8P
   3-Line Filters for Converters and Power Electronics
B84143-B8-R EPCOS-B84143-B8-R Datasheet
170Kb / 7P
   3-Line Filters for Converters and Power Electronics
B84143-B-R110 EPCOS-B84143-B-R110 Datasheet
256Kb / 10P
   3-Line Filters for Converters and Power Electronics
B84143A0010R106 EPCOS-B84143A0010R106 Datasheet
224Kb / 11P
   3-line filters for converters and power electronics
logo
TDK Electronics
B84143CS250 TDK-B84143CS250 Datasheet
1Mb / 19P
   3-line filters for converters and power electronics
October 2022
logo
EPCOS
B84143-A6-R206 EPCOS-B84143-A6-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com