Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4937-1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4937-1
Description  Differential Amplifier Evaluation Board for Single
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4937-1 Datasheet(HTML) 6 Page - Analog Devices

  ADA4937-1 Datasheet HTML 1Page - Analog Devices ADA4937-1 Datasheet HTML 2Page - Analog Devices ADA4937-1 Datasheet HTML 3Page - Analog Devices ADA4937-1 Datasheet HTML 4Page - Analog Devices ADA4937-1 Datasheet HTML 5Page - Analog Devices ADA4937-1 Datasheet HTML 6Page - Analog Devices ADA4937-1 Datasheet HTML 7Page - Analog Devices ADA4937-1 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UG-132
Evaluation Board User Guide
Rev. 0 | Page 6 of 8
ORDERING INFORMATION
BILL OF MATERIALS
Table 1.
Qty
Reference Designator
Package
Description
2
C3, C4
C7343
10 µF capacitor
2
C1, C2
C0508
Capacitor, 0.1uF
6
J1 to J6
SMASMT
SMA connector
12
R1/RG, R2/RF, R3/RG, R4/RF, R5 to R12
R0603
Resistor, user defined value
8
+VS, −VS, PD/DIS, VOCM, GND1 to GND4
TP1
Test point
1
DUT1
16-lead LFCSP
Device under test
1
PC board
RELATED LINKS
Table 2.
Resource
Description
ADA4927-1
Product page, ultralow distortion current feedback differential ADC driver
ADA4930-1
Product page, ultralow noise driver for low voltage ADCs
ADA4932-1
Product page, low power differential ADC driver
ADA4937-1
Product page, single supply ultralow distortion differential ADC driver
ADA4938-1
Product page, ultralow distortion differential ADC driver
ADA4939-1
Product page, G > 2 ultralow distortion differential ADC driver


Similar Part No. - ADA4937-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4937-1 AD-ADA4937-1 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4937-1YCPZ-R2 AD-ADA4937-1YCPZ-R2 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4937-1YCPZ-R2 AD-ADA4937-1YCPZ-R2 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4937-1YCPZ-R2 AD-ADA4937-1YCPZ-R2 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
More results

Similar Description - ADA4937-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-190 AD-UG-190 Datasheet
331Kb / 8P
   Differential Amplifier Evaluation Board for Single 8-lead LFCSP Packages
REV. A
logo
National Semiconductor ...
LMH730154 NSC-LMH730154 Datasheet
558Kb / 5P
   High Speed Differential Amplifier Evaluation Board
logo
Analog Devices
UG-422 AD-UG-422 Datasheet
256Kb / 8P
   AD8476 Differential Amplifier Evaluation Board for 8-Lead MSOP Package
REV. 0
EVAL_ADDIFFAMP AD-EVAL_ADDIFFAMP_15 Datasheet
110Kb / 4P
   Differential Driver Evaluation Board
logo
Zetex Semiconductors
ZXFV202N8EV ZETEX-ZXFV202N8EV Datasheet
56Kb / 2P
   SINGLE CHANNEL VIDEO AMPLIFIER EVALUATION BOARD
logo
Analog Devices
UG-018 AD-UG-018 Datasheet
321Kb / 4P
   Evaluation Board for Dual High Speed Differential Amplifiers
REV. A
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com