Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54513P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54513P
Description  8-UNIT 50mA TRANSISTOR ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54513P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54513P_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54513P_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54513P_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54513P/FP
8-UNIT 50mA TRANSISTOR ARRAY
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
V
mA
Parameter
0
0
2
0
V
mA
V
W
°C
°C
–0.5 ~ +40
50
–0.5 ~ +10
1.79(P)/1.10(FP)
–20 ~ +75
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
40
30
8
0.2
Limits
min
typ
max
V
mA
V
V
Symbol
Unit
40
80
25
70
0.85
200
100
170
1.7
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
mV
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
ns
ns
65
1200
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
Collector-emitter voltage
Collector current
Input voltage
Power dissipation
Operating temperature
Storage temperature
VCEO
IC
VI
Pd
Topr
Tstg
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
VO
IC
VIH
VIL
Output voltage
Collector current
“H” input voltage
“L” input voltage
ICEO = 100
µA
VI = 2V, IC = 10mA
VI = 2.5V, IC = 30mA
VI = 2.5V
VCE = 4V, IC = 30mA, Ta = 25
°C
V (BR) CEO
II
hFE
Collector-emitter breakdown voltage
Input current
DC amplification factor
Collector-emitter saturation voltage
VCE (sat)
ton
toff
Turn-on time
Turn-off time
CL = 15pF (note 1)
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
PG
50
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VP = 2.5VP-P
(2) Output conditions : RL = 300
Ω, VO = 10V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
CL
RL
Measured device
INPUT
VO
OUTPUT
ton
50%
50%
50%
INPUT
OUTPUT
50%
toff


Similar Part No. - M54513P_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54513P MITSUBISHI-M54513P Datasheet
70Kb / 2P
   8 UNIT 50MA TRANSISTOR ARRAY
M54513P MITSUBISHI-M54513P Datasheet
66Kb / 3P
   8-UNIT 50mA TRANSISTOR ARRAY
More results

Similar Description - M54513P_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54513P MITSUBISHI-M54513P Datasheet
66Kb / 3P
   8-UNIT 50mA TRANSISTOR ARRAY
M54565P MITSUBISHI-M54565P Datasheet
63Kb / 2P
   8 UNIT 50MA TRANSISTOR ARRAY
M54513 MITSUBISHI-M54513 Datasheet
70Kb / 2P
   8 UNIT 50MA TRANSISTOR ARRAY
M54513FP MITSUBISHI-M54513FP Datasheet
242Kb / 5P
   8-UNIT 50mA TRANSISTOR ARRAY SINK TYPE
M54514AP MITSUBISHI-M54514AP Datasheet
75Kb / 2P
   7 UNIT 50MA TRANSISTOR ARRAY
M54512L MITSUBISHI-M54512L Datasheet
75Kb / 2P
   4 UNIT 50MA TRANSISTOR ARRAY
M63807P MITSUBISHI-M63807P Datasheet
67Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M63806P MITSUBISHI-M63806P Datasheet
69Kb / 5P
   8-UNIT 300mA TRANSISTOR ARRAY
M54584P MITSUBISHI-M54584P Datasheet
96Kb / 3P
   8 UNIT 350MA TRANSISTOR ARRAY
M54569P MITSUBISHI-M54569P Datasheet
71Kb / 2P
   8 UNIT 30MA TRANSISTOR ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com